Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5785 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SCE5785
Description  Serial Input Dot Addressable Intelligent Display짰 Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5785 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SCE5785 Datasheet HTML 2Page - OSRAM GmbH SCE5785 Datasheet HTML 3Page - OSRAM GmbH SCE5785 Datasheet HTML 4Page - OSRAM GmbH SCE5785 Datasheet HTML 5Page - OSRAM GmbH SCE5785 Datasheet HTML 6Page - OSRAM GmbH SCE5785 Datasheet HTML 7Page - OSRAM GmbH SCE5785 Datasheet HTML 8Page - OSRAM GmbH SCE5785 Datasheet HTML 9Page - OSRAM GmbH SCE5785 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SCE5780
2006-01-23
6
Top View
Dot Matrix Format
Pin Assignment
Pin
Function
Pin
Function
1
CLKSEL
14
Serial Data
2
V
CC (Logic)
15
No connect
3
V
LL (LED)
16
Serial CLK
4
No pin
17
No pin
5
No pin
18
No pin
6
No pin
19
No pin
7
No pin
20
No pin
8
No pin
21
No pin
9
No pin
22
No pin
10
No pin
23
No pin
11
Load
24
Reset
12
GND
25
CLK I/O
13
GND
26
No connect
IDPA5120
01
2
3
45
67
IDOD5217
2.54 (0.100)
0.57 (0.022) typ.
C0 C1 C2 C3 C4
R0
R1
R2
R3
R4
R5
R6
Pin Definitions
Pin
Function
Definitions
1
CLKSEL
H=internal clock, L=external clock
2
V
CC (Logic)
Logic power supply
3
V
LL (LED)
LED power supply
4–10
No pin
No pins in these positions
11
Load
Low input enables data clocking into the 8-bit
serial shift register. When Load goes high, the
contents of the 8-bit serial shift register will be
decoded.
12,13
GND
Power supply ground
14
Serial Data
Serial data input
15
No connect
Pin has no function
16
Serial CLK
For loading data into the 8-bit serial register on
a low to high transition
17–23
No pin
No pins in these positions
24
Reset
Asynchronous input, when low will clear the
Multiplex Counter, User RAM, and Data Regis-
ter. Control Word Register is set to 100%
brightness, maximum peak current, and oscil-
lator divided by 1. The display blanked.
25
CLK I/O
Outputs master clock or input external clock for
display multiplexing.
26
No connect
Pin has no function
Display Column and Row Format
C0
C1
C2
C3
C4
Row 0
1
1
1
1
1
Row 1
0
0
1
0
0
Row 2
0
0
1
0
0
Row 3
0
0
1
0
0
Row 4
0
0
1
0
0
Row 5
0
0
1
0
0
Row 6
0
0
1
0
0
1=Display dot “On” /// 0=Display dot “Off”
Column Data Ranges
Row 0
00H to 1FH
Row 1
00H to 1FH
Row 2
00H to 1FH
Row 3
00H to 1FH
Row 4
00H to 1FH
Row 5
00H to 1FH
Row 6
00H to 1FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com