Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC101 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # RSC101
Description  Fanless Edge AI Computer Vision System with Hailo-8™ AI Accelerator, HDMI, GbE LAN, USB 3.2, DIO, and Wi-Fi/Bluetooth/5G Wireless Connection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

RSC101 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  RSC101 Datasheet HTML 1Page - Axiomtek Co., Ltd. RSC101 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
Edge AI Systems
2
Specifications
Vibration Endurance
3.5 Grms (5 to 500Hz, X, Y, Z directions)
Dimensions
150.0 mm (5.91") (W) x 111.0 mm (4.37") (D) x 71.7 mm (2.82") (H)
Weight (net/gross)
1.5 kg (3.31 lb)/ 1.9 kg (4.19 lb)
Certifications
CE, FCC Class A
OS Support
Linux
Packing List
RSC101 system unit x 1
2-pin terminal block to DC jack cable x 1
Wall mount bracket pack x 1
Screws pack for wall mount x 1
Screws pack for extension M.2 slot x 1
Ordering Information
Standard
RSC101-H-AX
Fanless edge AI system with Hailo-8 AI accelerator, Intel® Celeron® processor J6413, HDMI, 2 GbE LAN, 2 USB, 8-CH DI/DO,
8GB SO-DIMM DDR4, and 64GB M.2 SSD
RSC101-H-0
Fanless edge AI system with Hailo-8 AI accelerator, Intel® Celeron® processor J6413, HDMI, 2 GbE LAN, 2 USB, and 8-CH DI/DO
(Order SO-DIMM DDR4 & M.2 SSD from optional accessories list)
Optional
DDR4 SO-DIMM
2GB, 8GB or 16GB
M.2 SATA SSD
64GB or 128GB or 256GB
5G Module Kit
5G module, antennas and coaxial cables
Wi-Fi/Bluetooth
Module Kit
Wi-Fi/Bluetooth module, antennas and coaxial cables
50966124050E
Power adapter 12V/60W
599000001100
Power cord (US)
59904010000E
Power cord (UK)
59903000000E
Power cord (EU)
59906000010E
Power cord (JP)
* Specifications and certifications may vary based on different requirements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com