Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC201 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # RSC201
Description  Fanless Edge AI Computer Vision System with AMD Kria™ K26 SOM, GbE LAN, COM, USB 3.2, and DisplayPort
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

RSC201 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  RSC201 Datasheet HTML 1Page - Axiomtek Co., Ltd. RSC201 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
Edge AI Systems
2
Packing List
1 x RSC201 system unit
1 x 2-pin terminal block to DC jack cable
1 x Wall mount bracket pack
1 x Screw pack for wall mount
Ordering Information
Standard
RSC201-I-AX
Fanless Edge AI System with AMD Kria™ K26 Industrial, GbE LAN, COM, USB 3.2, and DisplayPort
Optional Accessory
50966124050E
Power adapter 12V/60W
599000001100
Power cord (US)
59904010000E
Power cord (UK)
59903000000E
Power cord (EU)
59906000010E
Power cord (JP)
* Specifications and certifications may vary based on different requirements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com