Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAM708 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # VAM708
Description  Value-added Module with 4 M12 A-coded GbE LAN Ports
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

VAM708 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  VAM708 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2024 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
VAM708
Ordering Information
Pin Definition
Specifications
I/O Outlet
4 x M12 A-coded GbE LAN
Ethernet Port
Intel I210-IT with LAN Bypass feature and latch relay circuitry design (following IEEE 802.3)
Watchdog Timer
8 stepping for LAN Bypass
LAN Bypass Selection
BIOS & Hardware setting
LED
4 x ACT LED for each LAN port
2 x LED for LAN Bypass status
Operating Temperature
-40°C to +70°C (-40°F to +158°F) with the tBOX500 series & wide operating temperature peripheral
Certifications
CE, LVD, FCC and EN 50155 certified
EMC
CE/FCC
EN 61000-6-4 (Class A), EN 61000-6-2
FCC part 15 B (Class A)
EN 50155
EN 50121-3-2, IEC 62236-3-2
LVD
EN 60950-1
Vibration
3 Grms with the tBOX500 series (5 to 500Hz, X/Y/Z direction; random, operating)
EN 50155
EN 61373 category 1 class B
Shock
EN 50155
Half-sine pulse, 5g, 30ms (longitudinal direction), 3g, 30ms (vertical/transverse direction)
*For more information of certification/EMC/Vibration/Shock as above, please contact Axiomtek ‘s regional distributor
VAM708
(P/N: E277708101)
• Value-added module with 4 M12 A-coded GbE LAN ports and designed for the tBOX500 series
• Supports LAN Bypass
Pin
10/100 Mbps
1000 Mbps
1
--
MDI 2+
2
--
MDI 3+
3
--
MDI 3-
4
TX-
MDI 0-
5
RX +
MDI 1+
6
TX +
MDI 0+
7
--
MDI 2-
8
RX-
MDI 1-
M12 A-coded 8-pin
female connector
Thumb screw
LAN activity indicator
LAN Bypass activity
indicator
NEW
Value-added Module with 4 M12 A-coded GbE LAN Ports
Updated Jul. 17, 2024.


Similar Part No. - VAM708

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
VAM700 AXIOMTEK-VAM700 Datasheet
143Kb / 1P
Value-added Module with 4 M12 A-coded GbE LAN Ports (PoE Optional)
Jul. 17, 2024.
VAM701 AXIOMTEK-VAM701 Datasheet
143Kb / 1P
Value-added Module with 4 M12 A-coded GbE LAN Ports (PoE Optional)
Jul. 17, 2024.
VAM702 AXIOMTEK-VAM702 Datasheet
144Kb / 1P
Value-added Module with 4 RJ-45 GbE LAN Ports (PoE Optional)
VAM703 AXIOMTEK-VAM703 Datasheet
144Kb / 1P
Value-added Module with 4 RJ-45 GbE LAN Ports (PoE Optional)
VAM704 AXIOMTEK-VAM704 Datasheet
149Kb / 1P
Value-added Module with 4 M12 D-coded 10/100 Mbps LAN Ports (PoE Optional)
Jul. 26, 2024.
More results

Similar Description - VAM708

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
Value Added ATA Disk Module ?
AP-FM0128E30S3R-KS ETC2-AP-FM0128E30S3R-KS Datasheet
166Kb / 19P
Value Added ATA Disk Module
AP-FM0128EA4S5S-KS ETC2-AP-FM0128EA4S5S-KS Datasheet
193Kb / 19P
Value Added ATA Disk Module
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
Value Added ATA Disk Module
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
Value Added ATA Disk Module ?
logo
Advantech Co., Ltd.
NMC-E01 ADVANTECH-NMC-E01 Datasheet
438Kb / 1P
4 of GbE ports with PoE module
17-May-2018
NMC-E02 ADVANTECH-NMC-E02 Datasheet
442Kb / 1P
4 of GbE ports with PoE module
3-Dec-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com