Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP1882 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # PDSP1882
Description  Alphanumeric Programmable Display?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PDSP1882 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button PDSP1882 Datasheet HTML 3Page - OSRAM GmbH PDSP1882 Datasheet HTML 4Page - OSRAM GmbH PDSP1882 Datasheet HTML 5Page - OSRAM GmbH PDSP1882 Datasheet HTML 6Page - OSRAM GmbH PDSP1882 Datasheet HTML 7Page - OSRAM GmbH PDSP1882 Datasheet HTML 8Page - OSRAM GmbH PDSP1882 Datasheet HTML 9Page - OSRAM GmbH PDSP1882 Datasheet HTML 10Page - OSRAM GmbH PDSP1882 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PDSP1880, PDSP1881, PDSP1882, PDSP1883, PDSP1884
2006-03-30
7
Top View
Cascading Displays
The PDSP188X is designed to drive up to 16 other
PDSP188Xs with input loading of 15 pF each.
General requirements for cascading 16 displays
together:
• Determine the correct address for each display.
• Use CE from an address decoder to select the correct
display.
• Use CE from an address decoder to select the correct
display.
• Select one of the Displays to provide the Clock for the
other displays. Connect CLKSEL to V
CC for this dis-
play.
• Tie CLKSEL to ground on other displays.
• Use RST to synchronize the blinking between the dis-
plays.
Pin Assignments
Pin #
Name
Symbol
Definition
1
Reset
RST
Initializes display; clears Character
RAM (20H), Flash RAM (00H),
control word (00H), and resets
internal counters. UDC Address
Register and UDC RAM
unaffected.
2
Flash
FL
Accesses Flash RAM. Address
inputs A0–A2 select digit address
while data bit D0 sets (D0=1) or
resets (D0=0) Flash bit, A3 and A4
ignored.
3
Address
input
A0
A0–A2 select specific digits.
See Table „Memory Selection“
(page 9).
4
A1
Same as A0
5
A2
Same as A0
6
Address
input
A3
A3 and A4 access parts of memory
together with Flash pin. See Table
1.
7–9
No pins
—
No connections
10
Address
input
A4
Same as A3
11
Clock
Select
CLS
Selects internal or external clock
source. CLS=1 selects internal
clock (master), CLS=0 selects
external clock (slave operation).
12
Clock
In/Out
CLK
Inputs or outputs clock as
determined by CLS.
13
Write
WR
Writes data into display when
WR=0. Note CE=0 to enable write
cycle.
14
Chip
Enable
CE
Enables display’s write and read
cycles when CE=0.
15
Positive
supply
V
CC
Positive power supply input.
IDPA5110
01
2
3
45
67
16
Supply
ground
GND
sup
Analog ground for LED drivers
17
—
NC
No connection
18
Logic
ground
GND
log
Logic ground for digital
circuitry
19
Read
RD
Reads data from display when
RD=0. Also CE=0.
20
Data bit
zero
D0
Least significant data bit.
21
Data bit
one
D1
Second data bit.
22–24
No pins
—
No connections
25
Data bit
two
D2
Third data bit.
26
Data bit
three
D3
Fourth data bit.
27
Data bit
four
D4
Fifth data bit.
28
Data bit
five
D5
Sixth data bit.
29
Data bit
six
D6
Seventh data bit.
30
Data bit
seven
D7
Most significant data bit.
Pin Assignments
Pin #
Name
Symbol
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com