Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP1883 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # PDSP1883
Description  Alphanumeric Programmable Display?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PDSP1883 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button PDSP1883 Datasheet HTML 2Page - OSRAM GmbH PDSP1883 Datasheet HTML 3Page - OSRAM GmbH PDSP1883 Datasheet HTML 4Page - OSRAM GmbH PDSP1883 Datasheet HTML 5Page - OSRAM GmbH PDSP1883 Datasheet HTML 6Page - OSRAM GmbH PDSP1883 Datasheet HTML 7Page - OSRAM GmbH PDSP1883 Datasheet HTML 8Page - OSRAM GmbH PDSP1883 Datasheet HTML 9Page - OSRAM GmbH PDSP1883 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2006-03-30
6
PDSP1880, PDSP1881, PDSP1882, PDSP1883, PDSP1884
DC Electrical Characteristics at 25°C
Parameters
Limits
Conditions
Min.
Typ.
Max.
Units
V
CC
4.5
5.0
5.5
V
—
ICC Blank
—
0.65
1.0
mA
V
CC=5.0 V, VIN=5.0 V
ICC 12 dots/digit on
1) 2)
—
200
255
mA
V
CC=5.0 V, “V” in all 8 digits
ICC 20 dots/digit on
1) 2)
—
300
370
mA
V
CC=5.0 V, “#” in all 8 digits
IILP (with pull-up)
Input Leakage
–18
–11
–5.0
µA
V
CC=5.0 V, VIN=0 V to VCC
(WR, CE, FL, RST, RD, CLKSEL)
IIL (no pull-up)
Input Leakage
–1.0
—
+1.0
µA
V
CC=5.0 V, VIN=5.0 V
(CLK, A0–A3, D0–D7)
VIH Input Voltage High
2.0
—
V
CC
+0.3
V
V
CC=4.5 V to 5.5 V
VIL Input Voltage Low
GND
–0.3
—
—
V
V
CC=4.5 V to 5.5 V
VOL (D0–D7), Output Voltage Low
—
—
0.4
V
V
CC=4.5 V, IOL=1.6 mA
VOL (CLK), Output Voltage Low
—
—
0.4
V
V
CC=4.5 V, IOL=40 µA
VOH Output Voltage High
2.4
—
—
V
V
CC=4.5 V, IOH=40 µA
θ
JC Thermal Resistance,
Junction to Case
—
25
—
°C/W
—
Clock I/O Frequency
28
57.34
81.14
kHz
V
CC=4.5 to 5.5 V
FM, Digit Multiplex Frequency
125
256
362.5
Hz
V
CC=4.5 to 5.5 V
Blinking Rate
0.98
2.0
2.83
Hz
—
Clock I/O Buss Loading
—
—
2.40
pF
—
Clock Out Rise Time
—
—
500
nsec
V
CC=4.5 V, VOH=2.4 V
Clock Out Fall Time
—
—
500
nsec
V
CC=4.5 V, VOH=0.4 V
Notes:
1)I
CC is an average value.
2)I
CC is measured with the display at full brightness. Peak ICC=
28/
15 ICC average (#displayed).
Recommended Operating Conditions (T
A = – 40°C to + 85°C)
Parameter
Symbol
Min.
Max.
Units
Supply Voltage
V
CC
4.5
5.5
V
Input Voltage Low
VIL
—
0.8
V
Input Voltage High
VIH
2.0
—
V
Output Voltage Low
VOL
—
0.4
V
Output Voltage High
VOH
2.4
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com