Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCE5742 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SCE5742
Description  Dot Addressable Intelligent Display짰 Devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCE5742 Datasheet(HTML) 5 Page - OSRAM GmbH

  SCE5742 Datasheet HTML 1Page - OSRAM GmbH SCE5742 Datasheet HTML 2Page - OSRAM GmbH SCE5742 Datasheet HTML 3Page - OSRAM GmbH SCE5742 Datasheet HTML 4Page - OSRAM GmbH SCE5742 Datasheet HTML 5Page - OSRAM GmbH SCE5742 Datasheet HTML 6Page - OSRAM GmbH SCE5742 Datasheet HTML 7Page - OSRAM GmbH SCE5742 Datasheet HTML 8Page - OSRAM GmbH SCE5742 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SCE5740, SCE5741, SCE5742, SCE5743, SCE5744, SCE5745
2006-03-30
5
Timing Diagram—Data Write Cycle
Timing Diagram—Instruction Cycle
Switching Specifications
(over operating temperature range and V
CC=4.5 V to 5.5 V)
Symbol
Description
Min.
Units
Symbol
Description
Min.
Units
TRC
Reset Active Time
600
ns
TSDCW
Clock Width
70
ns
TLDS
Load Setup Time
50
ns
TLDH
Load Hold Time
0
ns
TDS
Data Setup Time
50
ns
TDH
Data Hold Time
25
ns
TSDCLK
Clock Period
200
ns
TWR
Total Write Time
2.2
µs
TBL
Time Between Loads
600
ns
Note:
TSDCW is the minimum time the SDCLK may be low or high.
The SDCLK period must be a minimum of 200 ns.
SDCLK
SDCLK
T
SDCW
T
DATA
LOAD
D0
DS
T
LDS
T
TDH
D7
LDH
T
LOAD
LOAD
DATA
DATA
SDCLK
SDCLK
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D0
BL
T
WR
T
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com