Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCB1 Datasheet(PDF) 1 Page - Multicomp Pro

Part # SCB1
Description  Small Multipurpose Box With Lid
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SCB1 Datasheet(HTML) 1 Page - Multicomp Pro

  SCB1 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/02/21
Small Multipurpose Box
With Lid
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features:
•  Miniature sloping module case
•   A highly adaptable miniature case ergonomically designed for desk, 
dashboard, pocket etc. and can be used either way up for the desired 
application
•   Manufactured from high-impact black ABS with single self-tapping screw 
fixing with a matt finish on all surfaces except for a polished recessed 
panel on the largest flat surface
•  A cable knock-out is provided for flying lead applications
Part Number Table
Description
Part Number
Case, Miniature, Sloping, Black
SCB1
Overall Dimensions
Nominal
Wall
Thickness
A
B
C
D
E
71
44
28
22
17
2
Dimensions : Millimetres
Specifications:
Enclosure Type 
: Instrument
Enclosure Material 
: ABS
Body Colour 
: Black
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - SCB1

ManufacturerPart #DatasheetDescription
logo
Novaris
SCB1-3-25 NOVARIS-SCB1-3-25 Datasheet
338Kb / 2P
Surge Circuit Breaker
SCB1-3-80 NOVARIS-SCB1-3-80 Datasheet
339Kb / 2P
Surge Circuit Breaker
logo
Infinite Electronics In...
SCB110519 FAIRVIEW-SCB110519 Datasheet
126Kb / 1P
- - FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
SCB111800 FAIRVIEW-SCB111800 Datasheet
131Kb / 1P
SCB111800-XX N/M - N/M- FLEXIBLE CABLES 6GHZ
SCB112134 FAIRVIEW-SCB112134 Datasheet
64Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SHEET
REV A
More results

Similar Description - SCB1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
140G101XO-0000 GLENAIR-140G101XO-0000 Datasheet
330Kb / 2P
Small Junction Box
140G104XO-0000 GLENAIR-140G104XO-0000 Datasheet
325Kb / 2P
Small Low-Profile Box
logo
List of Unclassifed Man...
G302 ETC1-G302 Datasheet
60Kb / 2P
Multipurpose Enclosures
G238 ETC2-G238 Datasheet
192Kb / 1P
Multipurpose Enclosure
logo
Hammond Manufacturing L...
1590FBK HAMMOND-1590FBK Datasheet
133Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
logo
List of Unclassifed Man...
MB6W ETC2-MB6W Datasheet
541Kb / 3P
Multipurpose Boxes with Lids
HBT3 ETC2-HBT3 Datasheet
29Kb / 2P
Moulded Box And Lid
HBT3 ETC1-HBT3 Datasheet
29Kb / 2P
Mouldede Box And Lid
SCB1W ETC2-SCB1W Datasheet
29Kb / 2P
Small Multipurpose Boxes
logo
CamdenBoss Ltd.
RX200 CAMDENBOSS-RX200 Datasheet
279Kb / 1P
200 series small ABS boxes with lid-UL94-HB
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com