Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5840 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH5840
Description  Schmitt-Trigger IC in TO-18 Package with Glass Lens
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5840 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH5840 Datasheet HTML 1Page - OSRAM GmbH SFH5840 Datasheet HTML 2Page - OSRAM GmbH SFH5840 Datasheet HTML 3Page - OSRAM GmbH SFH5840 Datasheet HTML 4Page - OSRAM GmbH SFH5840 Datasheet HTML 5Page - OSRAM GmbH SFH5840 Datasheet HTML 6Page - OSRAM GmbH SFH5840 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFH 5840, SFH 5841
2007-04-03
3
Stromaufnahme,
E = 0
Supply current
V
CC = 5 V
V
CC = 18 V
I
CC
3.3 (< 5)
5.0
mA
Schaltschwelle,
λ = 950 nm
Threshold
SFH 5840: “H”
→ “L”
SFH 5841: “L”
→ “H”
E
e, ON
10 (< 32)
μW/cm2
Hysterese
Hysteresis
E
e, OFF / Ee, ON
0.6
(0.5 … 0.9)
–
Halbwinkel
Half angle
ϕ
± 5
Grad
degr.
Anstiegszeit 10% bis 90%
Rise time 10% to 90%
R
L = 280 Ω, Ee = 60 μW/cm
2,
λ = 950 nm
t
r
100
ns
Abfallzeit 90% bis 10%
Fall time 90% to 10%
R
L = 280 Ω, Ee = 60 μW/cm
2,
λ = 950 nm
t
f
100
ns
Ausgangsverzögerungszeit
Propagation delay time “H”
→ “L”
R
L = 280 Ω, Ee = 60 μW/cm
2,
λ = 950 nm
t
PHL
5 (< 15)
μs
Ausgangsverzögerungszeit
Propagation delay time “L”
→ “H”
R
L = 280 Ω, Ee = 60 μW/cm
2,
λ = 950 nm
t
PLH
5 (< 15)
μs
Kennwerte (
T
A = 25 °C, VCC = 5 V)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com