Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R156-R156-1-0246 Datasheet(PDF) 4 Page - GIACOMINI WATER E-MOTION

Part # R156-R156-1-0246
Description  Thermostatic mixer for domestic water systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIACOMINI [GIACOMINI WATER E-MOTION]
Direct Link  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R156-R156-1-0246 Datasheet(HTML) 4 Page - GIACOMINI WATER E-MOTION

  R156-R156-1-0246 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R156-R156-1-0246 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R156-R156-1-0246 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R156-R156-1-0246 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Dimensions
R156-1
PRODUCT CODE
A
B [mm]
C [mm]
D [mm]
E [mm]
R156X004
G 3/4”F
73
36,5
118
63
R156X005
G 1”F
73
36,5
118
63
B
C
A
R156
B
C
A
PRODUCT CODE
A
B [mm]
C [mm]
D [mm]
E [mm]
R156X024
G 3/4”M
120
60
138
83
R156X025
G 1”M
128
64
143
88
R156
Adjustable thermostatic mixer. Female threaded connections G 3/4” or G 1”. Chrome plated brass body; high resistance plastic
knob; stainless steel springs; wax thermostatic bulb; Ethylene Propylene O-Ring. Temperature regulation range 38÷60 °C
with regulation scale subdivision: 1 °C. Max. working temperature: 100 °C. Max. working pressure: 16 bar.
R156-1
Adjustable thermostatic mixer. Tail piece male threaded connections G 3/4” or G 1”. Chrome plated brass body; high resistance
plastic knob; stainless steel springs; wax thermostatic bulb; Ethylene Propylene O-Ring. Temperature regulation range 38÷60 °C
with regulation scale subdivision: 1 °C. Max. working temperature: 100 °C. Max. working pressure: 16 bar.
Product specifications
 Package Disposal. Carton boxes: paper recycling. Plastic bags and bubble wrap: plastic
recycling.
 Product Disposal. Do not dispose of product as municipal waste at the end of its life cycle.
Dispose of product at a special recycling platform managed by local authorities or at retailers
providing this type of service.
 Safety Warning. Installation, commissioning and periodical maintenance of the product
must be carried out by qualified operators in compliance with national regulations and/or local
standards. A qualified installer must take all required measures, including use of Individual
Protection Devices, for his and others’ safety. An improper installation may damage people,
animals or objects towards which Giacomini S.p.A. may not be held liable.
 Additional information. For more information, go to giacomini.com or contact our technical
assistance service. This document provides only general indications. Giacomini S.p.A. may change
at any time, without notice and for technical or commercial reasons, the items included herewith.
The information included in this technical sheet do not exempt the user from strictly complying
with the rules and good practice standards in force.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com