Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2240 Datasheet(PDF) 1 Page - Mascot AS

Part # 2240
Description  1,3 A max out • 90-264 VAC input
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MASCOT [Mascot AS]
Direct Link  https://www.mascot.no/
Logo MASCOT - Mascot AS

2240 Datasheet(HTML) 1 Page - Mascot AS

  2240 Datasheet HTML 1Page - Mascot AS 2240 Datasheet HTML 2Page - Mascot AS 2240 Datasheet HTML 3Page - Mascot AS 2240 Datasheet HTML 4Page - Mascot AS 2240 Datasheet HTML 5Page - Mascot AS 2240 Datasheet HTML 6Page - Mascot AS 2240 Datasheet HTML 7Page - Mascot AS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6V / 1,3A
12V / 1A
24V / 0,5A
48V / 270mA
Available versions
Notes:
Desktop unit
Exchangeable DC plugs
Standard DC output cord (exch DC plugs):
female conn. L 1,8m, AWG 20,UL 2468
Order plugs and mains cord separately
Mounting bracket available
Model 2240 LA
1,3 A max out • 90-264 VAC input
3-step charge control with current detection as charge termination
Universal input voltage (90-264 VAC)
2-pin IEC 320 mains connector
Waterproof (IP67) version available
Approvals:
- Medically certified
Safety: EN 60601-1 ed. 3.1
Home healthcare EN 60601-1-11
EMC: EN 60601-1-2 ed. 4
- UL approved
Custom specifications on request:
Charging parameters, connectors, cords, logo print, housing/open frame/IP rating
and certificates. For more information: custom design info sheet
PO Box 177 • 1601 Fredriks tad NORWAY • s ales @m as cot.no • www.m as cot.no


Similar Part No. - 2240

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2240 POMONA-2240 Datasheet
25Kb / 1P
Alligator Clip To Banana Jack With Flex Boot
logo
List of Unclassifed Man...
2240 ETC2-2240 Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
logo
Heyco.
2240 HEYCO-2240 Datasheet
106Kb / 1P
Snap Bushings
logo
Mascot AS
2240 MASCOT-2240 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
Keystone Electronics Co...
2240 KEYSTONE-2240 Datasheet
538Kb / 1P
9 VOLT STRAPS
31-07 20th
More results

Similar Description - 2240

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP042-1K00 FSP-FSP042-1K00 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K40 FSP-FSP042-1K40 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP042-1K80 FSP-FSP042-1K80 Datasheet
152Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K00 FSP-FSP060-1K00 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K20 FSP-FSP060-1K20 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K30 FSP-FSP060-1K30 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
FSP060-1K40 FSP-FSP060-1K40 Datasheet
138Kb / 1P
Wide-range input 90-264 VAC
logo
Arch Electronics Corp.
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
Universal Input: 90-264 VAC
AQFC480F_SERIES ARCH-AQFC480F_SERIES Datasheet
493Kb / 5P
Universal Input: 90-264 VAC
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
Universal Input: 90-264 VAC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com