Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G08DCTRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC2G08DCTRG4
Description  SN74LVC2G08 Dual 2-Input Positive-AND Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G08DCTRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G08DCTRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC2G08DCTRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC2G08DCTRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC2G08DCTRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC2G08DCTRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC2G08DCTRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC2G08DCTRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC2G08DCTRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC2G08DCTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
2
7
1A
1B
1Y
5
6
3
2A
2B
2Y
Y = A x B or Y = A + B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC2G08
SCES198N – APRIL 1999 – REVISED DECEMBER 2015
SN74LVC2G08 Dual 2-Input Positive-AND Gate
1 Features
3 Description
This dual 2-input positive-AND gate is designed for
1
•
Available in the Texas Instruments
1.65-V to 5.5-V VCC operation.
NanoStar™ and NanoFree™ Package
The SN74LVC2G08 device performs the Boolean
•
Supports 5-V VCC Operation
function
in positive logic.
•
Inputs Accept Voltages to 5.5 V
NanoFree
package
technology
is
a
major
•
Max tpd of 4.7 ns at 3.3 V
breakthrough in IC packaging concepts, using the die
•
Low Power Consumption, 10-
μA Maximum ICC
as the package.
•
±24-mA Output Drive at 3.3 V
This device is fully specified for partial-power-down
•
Typical VOLP (Output Ground Bounce)
applications using Ioff. The Ioff circuitry disables the
<0.8 V at VCC = 3.3 V, TA = 25°C
outputs,
preventing
damaging
current
backflow
•
Typical VOHV (Output VOH Undershoot)
through the device when it is powered down.
>2 V at VCC = 3.3 V, TA = 25°C
Device Information(1)
•
Ioff Supports Live Insertion, Partial-Power-Down
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Mode, and Back-Drive Protection
SN74LVC2G08DCT
SM8 (8)
2.95 mm × 2.80 mm
•
Can Be Used as a Down Translator to Translate
SN74LVC2G08DCU
VSSOP (8)
2.30 mm × 2.00 mm
Inputs From a Maximum of 5.5 V Down to the VCC
SN74LVC2G08YZP
DSBGA (8)
1.91 mm × 0.91 mm
Level
•
Latch-Up Performance Exceeds 100 mA Per
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
Logic Diagram (Positive Logic)
–
2000-V Human Body Model (A114-A)
–
1000-V Charged-Device Model (C101)
2 Applications
•
IP Phones: Wired and Wireless
•
Optical Networking: EPON and Video Over Fiber
•
Point-to-Point Microwave Backhaul
•
Power: Telecom DC/DC Module: Analog
•
Power: Telecom DC/DC Module: Digital
•
Private Branch Exchange (PBX)
•
Telecom Shelter: Power Distribution Unit (PDU)
•
Vector Signal Analyzers and Generators
•
Wireless Communications Testers
•
Wireless Repeaters
•
xDSL Modem/DSLAM
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC2G08DCTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08DCTRG4 TI-SN74LVC2G08DCTRG4 Datasheet
529Kb / 14P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08DCTRG4 TI1-SN74LVC2G08DCTRG4 Datasheet
928Kb / 22P
Dual 2-Input Positive-AND Gate
More results

Similar Description - SN74LVC2G08DCTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE AND GATE
SN74AUC2G08 TI-SN74AUC2G08 Datasheet
292Kb / 11P
DUAL 2 - INPUT POSITIVE - AND GATE
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1 Datasheet
133Kb / 7P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_08 Datasheet
464Kb / 13P
DUAL 2-INPUT POSITIVE-AND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI1-SN74LVC2G08_15 Datasheet
928Kb / 22P
Dual 2-Input Positive-AND Gate
SN74AHC2G08 TI1-SN74AHC2G08 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1_V01 Datasheet
848Kb / 20P
SN74LVC2G08-Q1 Dual 2-Input Positive-AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com