Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G32DCUT Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC2G32DCUT
Description  SN74LVC2G32 Dual 2-Input Positive-OR Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G32DCUT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G32DCUT Datasheet HTML 1Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 2Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 3Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 4Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 5Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 6Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 7Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 8Page - Texas Instruments SN74LVC2G32DCUT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
2
7
1A
1B
1Y
5
6
3
2A
2B
2Y
Y + A ) B or Y + A • B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC2G32
SCES201N – APRIL 1999 – REVISED SEPTEMBER 2015
SN74LVC2G32 Dual 2-Input Positive-OR Gate
1 Features
3 Description
This dual 2-input positive-OR gate is designed for
1
•
Available in the Texas Instruments
1.65-V to 5.5-V VCC operation.
NanoFree™ Package
The SN74LVC2G32 device performs the Boolean
•
Supports 5-V VCC Operation
function
in positive logic.
•
Inputs Accept Voltages to 5.5 V
•
Maximum tpd of 3.8 ns at 3.3 V
NanoFree
package
technology
is
a
major
breakthrough in IC packaging concepts, using the die
•
Low Power Consumption, 10-µA Maximum ICC
as the package.
•
±24-mA Output Drive at 3.3 V
This device is fully specified for partial-power-down
•
Typical VOLP (Output Ground Bounce)
applications using Ioff. The Ioff circuitry disables the
<0.8 V at VCC = 3.3 V, TA = 25°C
outputs,
preventing
damaging
current
backflow
•
Typical VOHV (Output VOH Undershoot)
through the device when it is powered down.
>2 V at VCC = 3.3 V, TA = 25°C
Device Information(1)
•
Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
PART NUMBER
PACKAGE
BODY SIZE
SN74LVC2G32DCT
SSOP (8)
2.95 mm × 2.80 mm
•
Can Be Used as a Down Translator to Translate
Inputs From a Maximum of 5.5 V Down to the VCC
SN74LVC2G32DCU
VSSOP (8)
2.30 mm × 2.00 mm
Level
SN74LVC2G32YZP
DSBGA (8)
1.91 mm × 0.91 mm
•
Latch-Up Performance Exceeds 100 mA Per
(1) For all available packages, see the orderable addendum at
JESD 78, Class II
the end of the data sheet.
•
ESD Protection Exceeds JESD 22
–
2000-V Human Body Model (A114-A)
–
1000-V Charged-Device Model (C101)
2 Applications
•
Down Translation
•
Logical OR
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC2G32DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G32DCUT TI-SN74LVC2G32DCUT Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE-OR GATE
SN74LVC2G32DCUT TI1-SN74LVC2G32DCUT Datasheet
914Kb / 22P
Dual 2-Input Positive-OR Gate
More results

Similar Description - SN74LVC2G32DCUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G32 TI-SN74LVC2G32 Datasheet
319Kb / 12P
DUAL 2 INPUT POSITIVE-OR GATE
SN74AUC2G32 TI-SN74AUC2G32 Datasheet
233Kb / 10P
DUAL 2 INPUT POSITIVE OR GATE
SN74AUC2G32 TI-SN74AUC2G32_09 Datasheet
529Kb / 13P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32 Datasheet
158Kb / 6P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74LVC2G32-EP TI1-SN74LVC2G32-EP Datasheet
420Kb / 11P
DUAL 2-INPUT POSITIVE-OR GATE
SN74AUC2G32YZTR TI-SN74AUC2G32YZTR Datasheet
823Kb / 15P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32_15 Datasheet
158Kb / 6P
DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74LVC2G32 TI1-SN74LVC2G32_15 Datasheet
914Kb / 22P
Dual 2-Input Positive-OR Gate
SN74AHC2G32 TI1-SN74AHC2G32 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com