Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2GU04DBVR.B Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC2GU04DBVR.B
Description  Dual Inverter Gate
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2GU04DBVR.B Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2GU04DBVR.B Datasheet HTML 1Page - Texas Instruments SN74LVC2GU04DBVR.B Datasheet HTML 2Page - Texas Instruments SN74LVC2GU04DBVR.B Datasheet HTML 3Page - Texas Instruments SN74LVC2GU04DBVR.B Datasheet HTML 4Page - Texas Instruments SN74LVC2GU04DBVR.B Datasheet HTML 5Page - Texas Instruments SN74LVC2GU04DBVR.B Datasheet HTML 6Page - Texas Instruments SN74LVC2GU04DBVR.B Datasheet HTML 7Page - Texas Instruments SN74LVC2GU04DBVR.B Datasheet HTML 8Page - Texas Instruments SN74LVC2GU04DBVR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Seemechanicaldrawingsfordimensions.
DBVPACKAGE
(TOP VIEW)
DCKPACKAGE
(TOP VIEW)
2
GND
V
CC
5
3
4
2A
2Y
6
1
1A
1Y
3
4
2A
2
GND
2Y
5
1
1A
V
CC
6
1Y
YZP PACKAGE
(BOTTOMVIEW)
2
GND
V
CC
1
5
1A
2A
4
3
2Y
6
1Y
SN74LVC2GU04
www.ti.com
SCES197N – APRIL 1999 – REVISED DECEMBER 2013
Dual Inverter Gate
Check for Samples: SN74LVC2GU04
1
FEATURES
DESCRIPTION
This dual inverter is designed for 1.65-V to 5.5-V VCC
2
•
Available in the Texas Instruments NanoFree™
operation.
Package
The SN74LVC2GU04 device contains two inverters
•
Supports 5-V VCC Operation
with unbuffered outputs and performs the Boolean
•
Inputs Accept Voltages to 5.5 V
function Y = A.
•
Max tpd of 3.7 ns at 3.3 V
NanoFree™
package
technology
is
a
major
•
Low Power Consumption, 10-µA Max ICC
breakthrough in IC packaging concepts, using the die
•
±24-mA Output Drive at 3.3 V
as the package.
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Ioff Supports Live Insertion, Partial-Power-
Down Mode, and Back-Drive Protection
•
Can Be Used as a Down Translator to
Translate Inputs From a Max of 5.5 V Down to
the VCC Level
•
Unbuffered Outputs
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
ESD Protection Exceeds JESD 22
–
2000-V Human-Body Model (A114-A)
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2GU04DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2GU04DBVR TI-SN74LVC2GU04DBVR Datasheet
199Kb / 12P
DUAL INVERTER GATE
SN74LVC2GU04DBVR TI-SN74LVC2GU04DBVR Datasheet
586Kb / 14P
DUAL INVERTER GATE
More results

Similar Description - SN74LVC2GU04DBVR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2GU04 TI-SN74LVC2GU04 Datasheet
199Kb / 12P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_07 Datasheet
388Kb / 15P
DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04 Datasheet
481Kb / 12P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_08 Datasheet
518Kb / 14P
DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04_1 Datasheet
598Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
DUAL INVERTER GATE
SN74AUC2GU04 TI-SN74AUC2GU04 Datasheet
587Kb / 13P
DUAL INVERTER GATE
logo
Diodes Incorporated
74LVC2G04 DIODES-74LVC2G04 Datasheet
226Kb / 12P
DUAL INVERTER GATE
Rev 3
logo
Texas Instruments
SN74LVC2G04-EP TI1-SN74LVC2G04-EP Datasheet
531Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04 TI1-SN74LVC2G04_18 Datasheet
1Mb / 26P
Dual Inverter Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com