Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G241DCTRG4.Z Datasheet(PDF) 3 Page - Texas Instruments

Part # 74LVC2G241DCTRG4.Z
Description  SN74LVC2G241 Dual Buffer and Driver With 3-State Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

74LVC2G241DCTRG4.Z Datasheet(HTML) 3 Page - Texas Instruments

  74LVC2G241DCTRG4.Z Datasheet HTML 1Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 2Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 3Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 4Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 5Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 6Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 7Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 8Page - Texas Instruments 74LVC2G241DCTRG4.Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
GND
5
4
2A
3 6
1Y
2Y
2 7
2OE
1A
8
V
CC
1
1OE
1
V
CC
8
1OE
2
7
1A
2OE
3
6
2Y
1Y
4
5
GND
2A
3
6
1Y
2Y
8
1
V
CC
1OE
5
GND
4
2A
2
7
2OE
1A
3
SN74LVC2G241
www.ti.com
SCES210P – APRIL 1999 – REVISED JANUARY 2019
Product Folder Links: SN74LVC2G241
Submit Documentation Feedback
Copyright © 1999–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCT Package
8-Pin SM8
Top View
DCU Package
8-Pin VSSOP
Top View
YZP Package
8-Pin DSBGA
Bottom View
(1)
N.C. – No internal connection
(2)
See for dimensions
Pin Functions(1)(2)
PIN
I/O
DESCRIPTION
NAME
NO.
1A
2
I
Input
1OE
1
I
Output enable (Active low)
1Y
6
O
Output
2A
5
I
Input
2Y
3
O
Output
2OE
7
I
Output enable (Active high)
GND
4
—
Ground
VCC
8
—
Power pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com