Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPC300 Datasheet(PDF) 2 Page - BlockMaster Electronics, Inc.

Part # WPC300
Description  Solid or Stranded Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

WPC300 Datasheet(HTML) 2 Page - BlockMaster Electronics, Inc.

  WPC300 Datasheet HTML 1Page - BlockMaster Electronics, Inc. WPC300 Datasheet HTML 2Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unit
A
B
C
D
E
mm. 19.00 11.75 10.45 8.70
0.90
in.
0.748 0.463 0.411 0.343 0.035
mm. 19.00 15.90 10.45 8.70
0.90
in.
0.748 0.626 0.411 0.343 0.035
mm. 19.00 20.05 10.45 8.70
0.90
in.
0.748 0.789 0.411 0.343 0.035
mm. 19.00 24.20 10.45 8.70
0.90
in.
0.748 0.953 0.411 0.343 0.035
mm. 19.00 28.35 10.45 8.70
0.90
in.
0.748 1.116 0.411 0.343 0.035
mm. 19.00 36.65 10.45 8.70
0.90
in.
0.748 1.443 0.411 0.343 0.035
SSppeecciiffiiccaattiioonnss::
WWiirree RRaannggee:: 12-22AWG
VVoollttaaggee::
VDE-AC, DC, 450V; UL-600V
CCuurrrreenntt:: VDE-24A
RRaatteedd VVoollttaaggee::
600V for Building Wiring
1000V for Lighting
Fixtures
TTeemmppeerraattuurree::
VDE-110C, UL-105C
HHoouussiinngg::
Polycarbonate, Flame-
Retardant to UL 94V2
WWoorrkkiinngg TTeemmpp::
105C/221F (UL)
CCllaammpp UUnniitt::
Copper, Tin-Plated; Stainless
Steel Spring; Zinc-Plated Steel
Frame
GGllooww WWiirree TTeesstt:: VDE-850C
WWiirree SSttrriippppiinngg LLeennggtthh:
11mm/0.4 inches
UULL AApppprroovveedd
PPaatteenntt:: US 7255592
AApppplliiccaattiioonnss::
-OEM lighting manufacturing
-Appliances
-Junction boxes
-Control panels
-Security/alarm systems
-Prefabricated wiring systems
-Lighting retrofit
-Heating elements
-Motor leads
1400 Howard Street
1400 Howard Street
Elk Grove Village, IL 60007
Elk Grove Village, IL 60007 Phone: (847) 956-1680
Phone: (847) 956-1680
Fax: (847) 956-1690
Fax: (847) 956-1690
www
www.BlockMaster
.BlockMaster.com
.com
WPC352: Yellow
2 Positions
WPC355: Blue
5 Positions
Perfect for lighting fixtures
and other indoor applications
PPaarrtt ##
PPaarrtt ## CCoolloorr
CCoolloorr PPoolleess
PPoolleess
WWPPCC
WWPPCC
335522
335522 YYeellllooww
YYeellllooww 2222
WWPPCC
WWPPCC
335533
335533 OOrraannggee
OOrraannggee 3333
WWPPCC
WWPPCC
335544
335544 CC
CClllleeeeaaaarrrr
4444
WWPPCC
WWPPCC
335555
335555 BBlluuee
BBlluuee
5555
WWPPCC
WWPPCC
335566
335566 PPuurrppllee
PPuurrppllee
6666
WWPPCC
WWPPCC
335588
335588 BBllaacckk
BBllaacckk
8888
WPC300 Series: Solid or Stranded Wire
Push-In Wire Connectors
Strip Guide Provides
Proper Strip Length
Built-In test slot provides
access for circuit testing
Clear Connects
areapprovedby
manyinternational
anddomestic
agencies,including:
VDE, FIMKO,
DEMKO, KEMA,
NEMKO, SEMKO,
cULus, CE, UL
VDE & UL - 24A
UL 94V-0
0917



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com