Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPC354 Datasheet(PDF) 1 Page - BlockMaster Electronics, Inc.

Part # WPC354
Description  Solid or Stranded Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLOCKMASTER-ELECTRONICS [BlockMaster Electronics, Inc.]
Direct Link  https://www.blockmaster.com/
Logo BLOCKMASTER-ELECTRONICS - BlockMaster Electronics, Inc.

WPC354 Datasheet(HTML) 1 Page - BlockMaster Electronics, Inc.

  WPC354 Datasheet HTML 1Page - BlockMaster Electronics, Inc. WPC354 Datasheet HTML 2Page - BlockMaster Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1400 Howard Street
1400 Howard Street
Elk Grove Village, IL 60007
Elk Grove Village, IL 60007 Phone: (847) 956-1680
Phone: (847) 956-1680
Fax: (847) 956-1690
Fax: (847) 956-1690
www
www.BlockMaster
.BlockMaster.com
.com
WPC300 Series: Solid or Stranded Wire
Color Coding Denotes
Number of Positions
BBlloocckkMMaasstteerr EElleeccttrroonniiccss’’
BBlloocckkMMaasstteerr EElleeccttrroonniiccss’’
Clear Connects
Clear Connects Push-In Wire Connectors
Push-In Wire Connectors
TThhee 2211sstt CCeennttuurryy IImmpprroovveemmeenntt oonn tthhee
TThhee 2211sstt CCeennttuurryy IImmpprroovveemmeenntt oonn tthhee WWiirree NNuutt!!
WWiirree NNuutt!!
FFeeaattuurreess::
-Color-coded for easy identification; color indicates number
of positions
-Touch-Safe; wires are safely shrouded by connector housing
-Clear housing provides visual confirmation and
individually held wires eliminate loose connections
-Built-in strip guide shows how much wire to strip
-Made with highly conductive copper
-Accepts solid and tinned stranded wire 22-12AWG
-Safer and easier than traditional wire nuts
-Greatly reduces wiring time; no more twisting or taping!
-Compact size; enables perfect connections in tight spaces
-OSHA-recommended to reduce wrist and hand strain
-Can be reused with wires larger than the ones previously used
-Test slot provides convenient access for circuit testing
-Multiple international and domestic agency approvals,
including UL and CUL
FASTER & SAFER:
No More
Twisting or Taping!
Transparent,
color-coded, reusable
and easy to use,
CClleeaarr CCoonnnneeccttss provide
visual confirmation for a
perfect connection
every time!
Push-In Wire Connectors
RReemmoovvaall IInnssttrruuccttiioonnss::
SSoolliidd wwiirree:: Twist and remove
wire, reuse Clear Connects with
larger wire than previously used
SSttrraannddeedd WWiirree:: Cut wire, discard
Clear Connects
TM
0917


Similar Part No. - WPC354

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WPC39S0B-001 LSTD-WPC39S0B-001 Datasheet
855Kb / 2P
Excellent return loss
More results

Similar Description - WPC354

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022269121 MOLEX2-0022269121 Datasheet
492Kb / 20P
2.54mm (.100) KK짰 IDT Double Cantilever Contact, 12 Circuits, Tin (Sn), Feed-To, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
0022269031 MOLEX2-0022269031 Datasheet
492Kb / 20P
2.54mm (.100) KK짰 IDT Double Cantilever Contact, 3 Circuits, Tin (Sn), Feed-To, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
0022268031 MOLEX2-0022268031 Datasheet
492Kb / 20P
2.54mm (.100) KK짰 IDT Double Cantilever Contact, 3 Circuits, Tin (Sn), Feed-Through, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
0022268081 MOLEX2-0022268081 Datasheet
492Kb / 20P
2.54mm (.100) KK짰 IDT Double Cantilever Contact, 8 Circuits, Tin (Sn), Feed-Through, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
0022413051 MOLEX3-0022413051 Datasheet
492Kb / 20P
2.54mm (.100") KK짰 IDT Double Cantilever Contact, 5 Circuits, Tin (Sn), Feed-To, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
0022415161 MOLEX3-0022415161 Datasheet
492Kb / 20P
2.54mm (.100") KK짰 IDT Double Cantilever Contact, 16 Circuits, Tin (Sn), Feed-Through, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
logo
Tyco Electronics
68041 MACOM-68041 Datasheet
441Kb / 12P
COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
logo
TE Connectivity Ltd
408-2674 TEC-408-2674 Datasheet
631Kb / 4P
These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
logo
PANDUIT CORP.
SPS688-C PANDUIT-SPS688-C Datasheet
628Kb / 4P
24 AWG solid or stranded conductor maximum insulated diameter 0.040 in
logo
List of Unclassifed Man...
UL1007 ETC-UL1007 Datasheet
64Kb / 1P
UL1007 Hook Up Wire Stranded or Solid
1/27/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com