Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9240 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH9240
Description  Reflective Interrupter with Schmitt-Trigger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9240 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH9240 Datasheet HTML 2Page - OSRAM GmbH SFH9240 Datasheet HTML 3Page - OSRAM GmbH SFH9240 Datasheet HTML 4Page - OSRAM GmbH SFH9240 Datasheet HTML 5Page - OSRAM GmbH SFH9240 Datasheet HTML 6Page - OSRAM GmbH SFH9240 Datasheet HTML 7Page - OSRAM GmbH SFH9240 Datasheet HTML 8Page - OSRAM GmbH SFH9240 Datasheet HTML 9Page - OSRAM GmbH SFH9240 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SFH 9240
2007-04-02
6
Threshold Current vs. Distance
I
F = f (d)
Output Voltage
V
OL = f (IOUT, VCC)
Perm. Pulse Handling Capability
I
F = f (tp), Duty cycle D = parameter,
T
A = 25 °C
d
OHF00684
0
F
Ι
0
10
20
30
40
50
60
mA
12
3
4
5
6
7
mm 9
F, ON
Ι
(SFH 9240 H
L; SFH 9241 L
H)
H; SFH 9241 H
F, OFF
Ι
(SFH 9240 L
L)
OHF00512
0
010
20
30
40
50
mA
5 V
OUT
I
0.5
1
1.5
2
2.5
3
3.5
OL
V
V
10 V
15 V
20 V
10
10
-2
-3
-4
-5
10
10
10
F
I
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF02623
T
t
P
IF
1
10
10
2
10
3
10
4
mA
0.005
0.05
0.1
0.02
0.01
D =
0.2
0.5
1
Relative Threshold
E
e, ON/Ee, ON
VCC = 5 V = f (VCC)
Supply Current vs. Ambient
Temperature
I
CC = f (TA, VCC)
Perm. Pulse Handling Capability
I
F = f (tp), Duty cycle D = parameter,
T
A = 85 °C
OHF00507
0.5
0
5
10
15
20
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.5
V
E
VCC
e, ON
Ee, ON_5 V
OHF00514
0
-25
1
2
3
4
mA
6
CC
I
A
T
0
25
50
75
100
˚C
CC
V = 5 V
5
= 10 V
CC
V
= 20 V
VCC
= 15 V
VCC
10
10
-2
-3
-4
-5
10
10
10
F
I
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF02622
T
t
P
IF
1
10
10
2
10
3
10
4
mA
1
0.5
0.2
0.005
0.05
0.1
0.01
0.02
D =
Supply Current
I
CC = f (VCC)
OHF00510
0
0
5
10
15
20
V
1
2
3
4
mA
6
CC
I
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com