Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBA04H12HA Datasheet(PDF) 2 Page - NMB Technologies Corporation

Part # FBA04H12HA
Description  DC Axial Fans
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

FBA04H12HA Datasheet(HTML) 2 Page - NMB Technologies Corporation

  FBA04H12HA Datasheet HTML 1Page - NMB Technologies Corporation FBA04H12HA Datasheet HTML 2Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DC Axial Fans Part Numbering System
http://www.eminebea.com/content/html/en/engineering/fans/Description_DCAx_FB.shtml13/02/2008 17:28:33
Fan Motors
Engineering
Information
DC Fans
1.Common Spec.
2.Numbering (Axial Fans)
3.Numbering (FB)
4.Numbering (Blowers BM)
5.Numbering (Blowers BG)
6.Numbering (FAL)
7.Sensors
8.Speed Control
AC Fans
Technical Information
Handling Precautions
Quality & Environment
DC Axial Fans FB Series Part Numbering System
To show details, place the mouse cursor on each item of the part number. Click "Display All" button to show all details.
FB
A
08
A
12
H
1
A
S
(1) (2) (3) (4) (5) (6) (7) (8) (9)
1. Motor type
FB
DC Axial fans
2. Bearing type or Motor Type
A
HWB
K
Ball bearing
L
ES Series
3. Housing Size
04
40 X 40mm
09
92 X 92mm
06
60 X 60mm
12
120 X 120mm
08
80 X 80mm
4. Housing thickness
A
25.5mm
F
20mm
T
15mm
H
42mm
G
38mm
5. Rated voltage
12
12V
24
24V
6. Speed
L
Low
M
Middle
H
High
V
Variable (Option)
7. Terminal
1
With leads
No leads
8. Lead wire
A
Standard 2 leads
B
Standard 3 leads
C
Optional leads
9. Option
S
Locked sensor
X
Tacho sensor
Z
Solid corner housing
O
S + Z
Copyright 2002-2006 Minebea Co., Ltd.
Product
Catalog
Engineering
Info
Company
Links
Contact
Us



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com