Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F205VGH7 Datasheet(PDF) 79 Page - STMicroelectronics

Part # STM32F205VGH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VGH7 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STM32F205VGH7 Datasheet HTML 75Page - STMicroelectronics STM32F205VGH7 Datasheet HTML 76Page - STMicroelectronics STM32F205VGH7 Datasheet HTML 77Page - STMicroelectronics STM32F205VGH7 Datasheet HTML 78Page - STMicroelectronics STM32F205VGH7 Datasheet HTML 79Page - STMicroelectronics STM32F205VGH7 Datasheet HTML 80Page - STMicroelectronics STM32F205VGH7 Datasheet HTML 81Page - STMicroelectronics STM32F205VGH7 Datasheet HTML 82Page - STMicroelectronics STM32F205VGH7 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 184 page
background image
DocID15818 Rev 15
79/184
STM32F20xxx
Electrical characteristics
183
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
At startup, all I/O pins are configured as analog inputs by firmware.
•
All peripherals are disabled except if it is explicitly mentioned.
•
The Flash memory access time is adjusted to fHCLK frequency (0 wait state from 0 to
30 MHz, 1 wait state from 30 to 60 MHz, 2 wait states from 60 to 90 MHz and 3 wait
states from 90 to 120 MHz).
•
When the peripherals are enabled HCLK is the system clock, fPCLK1 = fHCLK/4, and
fPCLK2 = fHCLK/2, except is explicitly mentioned.
•
The maximum values are obtained for VDD = 3.6 V and maximum ambient temperature
(TA), and the typical values for TA= 25 °C and VDD = 3.3 V unless otherwise specified.
Table 20. Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART accelerator enabled) or RAM (1)
Symbol
Parameter
Conditions
fHCLK
Typ
Max(2)
Unit
TA = 25 °C TA = 85 °C TA = 105 °C
IDD
Supply current
in Run mode
External clock(3), all
peripherals enabled(4)
120 MHz
49
63
72
mA
90 MHz
38
51
61
60 MHz
26
39
49
30 MHz
14
27
37
25 MHz
11
24
34
16 MHz(5)
821
30
8 MHz
5
17
27
4 MHz
3
16
26
2 MHz
2
15
25
External clock(3), all
peripherals disabled
120 MHz
21
34
44
90 MHz
17
30
40
60 MHz
12
25
35
30 MHz
7
20
30
25 MHz
5
18
28
16 MHz(5)
4.0
17.0
27.0
8 MHz
2.5
15.5
25.5
4 MHz
2.0
14.7
24.8
2 MHz
1.6
14.5
24.6
1. Code and data processing running from SRAM1 using boot pins.
2. Guaranteed by characterization, tested in production at VDD max and fHCLK max with peripherals enabled.
3. External clock is 4 MHz and PLL is on when fHCLK > 25 MHz.
4. When the ADC is on (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA per ADC for
the analog part.
5. In this case HCLK = system clock/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com