Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F207VCY7 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32F207VCY7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCY7 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32F207VCY7 Datasheet HTML 96Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 97Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 98Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 99Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 100Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 101Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 102Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 103Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 184 page
background image
Electrical characteristics
STM32F20xxx
100/184
DocID15818 Rev 15
Table 37. Flash memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
Supply current
Write / Erase 8-bit mode
VDD = 1.8 V
-5-
mA
Write / Erase 16-bit mode
VDD = 2.1 V
-8-
Write / Erase 32-bit mode
VDD = 3.3 V
-12-
Table 38. Flash memory programming
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
1. Guaranteed by characterization results, not tested in production.
Unit
tprog
Word programming time
Program/erase parallelism
(PSIZE) = x 8/16/32
-16
100(2)
2. The maximum programming time is measured after 100K erase operations.
µs
tERASE16KB Sector (16 KB) erase time
Program/erase parallelism
(PSIZE) = x 8
-
400
800
ms
Program/erase parallelism
(PSIZE) = x 16
-
300
600
Program/erase parallelism
(PSIZE) = x 32
-
250
500
tERASE64KB Sector (64 KB) erase time
Program/erase parallelism
(PSIZE) = x 8
-
1200
2400
ms
Program/erase parallelism
(PSIZE) = x 16
-
700
1400
Program/erase parallelism
(PSIZE) = x 32
-
550
1100
tERASE128KB Sector (128 KB) erase time
Program/erase parallelism
(PSIZE) = x 8
-2
4
s
Program/erase parallelism
(PSIZE) = x 16
-1.3
2.6
Program/erase parallelism
(PSIZE) = x 32
-1
2
tME
Mass erase time
Program/erase parallelism
(PSIZE) = x 8
-16
32
s
Program/erase parallelism
(PSIZE) = x 16
-11
22
Program/erase parallelism
(PSIZE) = x 32
-8
16
Vprog
Programming voltage
32-bit program operation
2.7
-
3.6
V
16-bit program operation
2.1
-
3.6
V
8-bit program operation
1.8
-
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com