Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F207VCY7 Datasheet(PDF) 109 Page - STMicroelectronics

Part # STM32F207VCY7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCY7 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STM32F207VCY7 Datasheet HTML 105Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 106Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 107Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 108Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 109Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 110Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 111Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 112Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 184 page
background image
DocID15818 Rev 15
109/184
STM32F20xxx
Electrical characteristics
183
01
fmax(IO)out Maximum frequency(2)
CL = 50 pF, VDD > 2.70 V
-
-
25
MHz
CL = 50 pF, VDD > 1.8 V
-
-
12.5
CL = 10 pF, VDD > 2.70 V
-
-
50(3)
CL = 10 pF, VDD > 1.8 V
-
-
20
tf(IO)out/
tr(IO)out
Output high to low level fall
time and output low to high
level rise time
CL = 50 pF, VDD >2.7 V
-
-
10
ns
CL = 50 pF, VDD > 1.8 V
-
-
20
CL = 10 pF, VDD > 2.70 V
-
-
6
CL = 10 pF, VDD > 1.8 V
-
-
10
10
fmax(IO)out Maximum frequency(2)
CL = 40 pF, VDD > 2.70 V
-
-
25
MHz
CL = 40 pF, VDD > 1.8 V
-
-
20
CL = 10 pF, VDD > 2.70 V
-
-
100(3)
CL = 10 pF, VDD > 1.8 V
-
-
50(3)
tf(IO)out/
tr(IO)out
Output high to low level fall
time and output low to high
level rise time
CL = 40 pF, VDD > 2.70 V
-
-
6
ns
CL = 40 pF, VDD > 1.8 V
-
-
10
CL = 10 pF, VDD > 2.70 V
-
-
4
CL = 10 pF, VDD > 1.8 V
-
-3
6
11
fmax(IO)out Maximum frequency(2)
CL = 30 pF, VDD > 2.70 V
-
-
100(3)
MHz
CL = 30 pF, VDD > 1.8 V
-
-
50(3)
CL = 10 pF, VDD > 2.70 V
-
-
120(3)
CL = 10 pF, VDD > 1.8 V
-
-
100(3)
tf(IO)out/
tr(IO)out
Output high to low level fall
time and output low to high
level rise time
CL = 30 pF, VDD > 2.70 V
-
-
4
ns
CL = 30 pF, VDD > 1.8 V
-
-
6
CL = 10 pF, VDD > 2.70 V
-
-
2.5
CL = 10 pF, VDD > 1.8 V
-
-
4
-tEXTIpw
Pulse width of external
signals detected by the
EXTI controller
-10
-
-
ns
1. The I/O speed is configured using the OSPEEDRy[1:0] bits. Refer to the STM32F20/21xxx reference manual for a
description of the GPIOx_SPEEDR GPIO port output speed register.
2. The maximum frequency is defined in Figure 39.
3. For maximum frequencies above 50 MHz and VDD above 2.4 V, the compensation cell should be used.
Table 48. I/O AC characteristics(1) (continued)
OSPEEDRy
[1:0] bit
value(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com