Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F207VCY7 Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32F207VCY7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCY7 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32F207VCY7 Datasheet HTML 129Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 130Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 131Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 132Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 133Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 134Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 135Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 136Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 184 page
background image
DocID15818 Rev 15
133/184
STM32F20xxx
Electrical characteristics
183
Figure 57. Asynchronous non-multiplexed SRAM/PSRAM/NOR read waveforms
1. Mode 2/B, C and D only. In Mode 1, FSMC_NADV is not used.
Table 72. Asynchronous non-multiplexed SRAM/PSRAM/NOR read timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FSMC_NE low time
2THCLK– 0.5
2THCLK+0.5
ns
tv(NOE_NE) FSMC_NEx low to FSMC_NOE low
0.5
2.5
ns
tw(NOE)
FSMC_NOE low time
2THCLK- 1
2THCLK+ 0.5
ns
th(NE_NOE) FSMC_NOE high to FSMC_NE high hold time
0
-
ns
tv(A_NE)
FSMC_NEx low to FSMC_A valid
-
4
ns
th(A_NOE)
Address hold time after FSMC_NOE high
0
-
ns
tv(BL_NE)
FSMC_NEx low to FSMC_BL valid
-
0.5
ns
th(BL_NOE) FSMC_BL hold time after FSMC_NOE high
0
-
ns
tsu(Data_NE) Data to FSMC_NEx high setup time
THCLK+ 0.5
-
ns
tsu(Data_NOE) Data to FSMC_NOEx high setup time
THCLK+ 2.5
-
ns
th(Data_NOE) Data hold time after FSMC_NOE high
0
-
ns
th(Data_NE) Data hold time after FSMC_NEx high
0
-
ns
tv(NADV_NE) FSMC_NEx low to FSMC_NADV low
-
2.5
ns
tw(NADV)
FSMC_NADV low time
-
THCLK– 0.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com