Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F207VCY7 Datasheet(PDF) 150 Page - STMicroelectronics

Part # STM32F207VCY7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207VCY7 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button STM32F207VCY7 Datasheet HTML 146Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 147Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 148Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 149Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 150Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 151Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 152Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 153Page - STMicroelectronics STM32F207VCY7 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 184 page
background image
Electrical characteristics
STM32F20xxx
150/184
DocID15818 Rev 15
6.3.26
Camera interface (DCMI) timing specifications
6.3.27
SD/SDIO MMC card host interface (SDIO) characteristics
Unless otherwise specified, the parameters given in Table 85 are derived from tests
performed under ambient temperature, fPCLKx frequency and VDD supply voltage conditions
summarized in Table 14.
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (D[7:0], CMD, CK).
Figure 75. SDIO high-speed mode
Table 83. Switching characteristics for NAND Flash write cycles(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results, not tested in production.
Symbol
Parameter
Min
Max
Unit
tw(NWE)
FSMC_NWE low width
4THCLK- 1
4THCLK+ 3
ns
tv(NWE-D)
FSMC_NWE low to FSMC_D[15-0] valid
-
0
ns
th(NWE-D)
FSMC_NWE high to FSMC_D[15-0] invalid
3THCLK
-ns
td(D-NWE)
FSMC_D[15-0] valid before FSMC_NWE high
5THCLK
-ns
td(ALE-NWE)
FSMC_ALE valid before FSMC_NWE low
-
3THCLK+ 2
ns
th(NWE-ALE)
FSMC_NWE high to FSMC_ALE invalid
3THCLK- 2
-
ns
Table 84. DCMI characteristics
Symbol
Parameter
Conditions
Min
Max
-
Frequency ratio DCMI_PIXCLK/
fHCLK
DCMI_PIXCLK= 48 MHz
-
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com