Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

261 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 261
Description  JST 2-pin cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

261 Datasheet(HTML) 2 Page - Adafruit Industries

  261 Datasheet HTML 1Page - Adafruit Industries 261 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
Red and black tinned wires with a 2-pin JST PH connector on the end. 4" / 100mm
long. Matches up nicely with our Lipoly charger!
We don't have the 'mating' version of this, with the receptacle - but we do have a
long extension cable that can be cut in half.
New! We now use genuine JST PH connectors for these cables so they are easy to
insert and remove. For more information about JST PH connectors, visit the JST
website
7/16/2015
http://www.adafruit.com/products/261



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com