Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

862 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 862
Description  GPIO Ribbon Cable for Raspberry Pi Model A and B - 26 pin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

862 Datasheet(HTML) 2 Page - Adafruit Industries

  862 Datasheet HTML 1Page - Adafruit Industries 862 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
What is the Raspberry Pi® ? A low‐cost ARM GNU/Linux box. 
The Raspberry Pi® is a single‐board computer developed in the UK by the Raspberry Pi Foundation with 
the intention of stimulating the teaching of basic computer science in schools. The design is based on a 
Broadcom BCM2835 system on a chip (SoC), which includes an ARM1176JZF‐S 700 MHz processor, 
VideoCore IV GPU, and 256 megabytes of RAM. The design does not include a built‐in hard disk or solid‐
state drive, instead relying on an SD card for booting and long‐term storage. The Foundation plans to 
support Fedora Linux as the initial system software package/distribution, with support for Debian and 
Arch Linux as well ‐ Wikipedia.  https://en.wikipedia.org/wiki/Raspberry_Pi 
Raspberry Pi® is a trademark of the Raspberry Pi Foundation.  
Technical Details
 
Dimensions: 
o
173mm x 33mm / 6.8" x 1.3" 
o
Weight: 14.4g 
 
 
 
                                                https://www.adafruit.com/product/862  7‐25‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com