Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

992 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 992
Description  MPL115A2 - I2C Barometric Pressure/Temperature Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

992 Datasheet(HTML) 2 Page - Adafruit Industries

  992 Datasheet HTML 1Page - Adafruit Industries 992 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
DESCRIPTION
This pressure sensor from Freescale is a great low-cost sensing solution for
measuring barometric pressure. At 1.5 hPa resolution, it's not as precise as our
favorite pressure sensor, the BMP085, which has up to 0.03 hPa resolution so we
don't suggest it as a precision altimeter. However, it's great for basic barometric
pressure sensing. The sensor is soldered onto a PCB with 10K pull-up resistors on
the I2C pins.
This chip is good for use with power and logic voltages ranging from 2.4V to 5.5V
so you can use it with your 3V or 5V microcontroller. There's a basic temperature
sensor inside but there's no specifications in the datasheet so we're not sure how
accurate it is.
This chip looks and sounds a whole lot like the MPL3115A2 but this is the less
precise version, best for barometric sensing only
Using the sensor is easy. For example, if you're using an Arduino, simply connect
the VDD pin to the 5V voltage pin, GND to ground, SCL to I2C Clock (Analog 5 on
an UNO) and SDA to I2C Data (Analog 4 on an UNO). Then download our MPL115A2
Arduino library and example code for temperature, pressure and basic altitude
calculation. Install the library, and load the example sketch. Immediately you'll have
the temperature, pressure and altitude data printed in the serial console.
Page 2 of 2
7/23/2015
http://www.adafruit.com/products/992



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com