Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0830708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0830708
Description  WML 22 (35X25)A4 YE CUS - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0830708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0830708 Datasheet HTML 1Page - PHOENIX CONTACT 0830708 Datasheet HTML 2Page - PHOENIX CONTACT 0830708 Datasheet HTML 3Page - PHOENIX CONTACT 0830708 Datasheet HTML 4Page - PHOENIX CONTACT 0830708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable marker, Sheet, can be ordered: in sheets, yellow, labeled according to customer
specifications, cable diameter range: 8 ... 21.3 mm, mounting type: adhesive, cable diameter: ≤
21.3 mm, Number of individual labels: 15, text field height: 25 mm, text field width: 35 mm
Your advantages
For indoor applications: high resistance to dirt and abrasion due to the protective laminate
•
Firmly defined positioning of labels thanks to the adhesive system
•
Broad diameter range with many different applications inside and outside the control cabinet
•
The protective foil is wound over the labeling and provides permanent protection against dirt and abrasion
•
The wrap-around labels do not create any additional volume, so the cable can also be pulled through cable ducts, for example
•
For cylindrical objects, single wires, and cables
•
Commercial data
Item number
0830708
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8134
GTIN
4046356718929
Weight per piece (including packing)
99.99 g
Weight per piece (excluding packing)
99.99 g
Country of origin
PL
WML 22 (35X25)A4 YE CUS - Cable marker
0830708
https://www.phoenixcontact.com/us/products/0830708
Jul 15, 2025, 1:02AM
Page 1 (5)


Similar Part No. - 0830708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830700 PHOENIX-0830700 Datasheet
188Kb / 5P
WML 3 (13X10)A4 YE CUS - Cable marker
0830701 PHOENIX-0830701 Datasheet
182Kb / 5P
WML 5 (25X10)A4 CUS - Cable marker
0830702 PHOENIX-0830702 Datasheet
186Kb / 5P
WML 5 (25X10)A4 YE CUS - Cable marker
0830703 PHOENIX-0830703 Datasheet
181Kb / 5P
WML 7,5 (25X13)A4 CUS - Cable marker
0830704 PHOENIX-0830704 Datasheet
184Kb / 5P
WML 7,5 (25X13)A4 YE CUS - Cable marker
More results

Similar Description - 0830708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824471 PHOENIX-0824471 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE CUS
0824595 PHOENIX-0824595 Datasheet
55Kb / 3P
Marker for terminal blocks - UC-TM 6 YE CUS
0824627 PHOENIX-0824627 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 16 YE CUS
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824949 PHOENIX-0824949 Datasheet
52Kb / 3P
Zack marker strip - ZB 22 CUS
0824976 PHOENIX-0824976 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/YE CUS
0824443 PHOENIX-0824443 Datasheet
54Kb / 2P
Cable marker - PABA WH/10 CUS
09/11/2020
0824444 PHOENIX-0824444 Datasheet
54Kb / 2P
Cable marker - PABA WH/15 CUS
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
0830691 PHOENIX-0830691 Datasheet
59Kb / 3P
Cable marker label - WML 7,5 (25X13)A4
01/02/2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com