Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7804C Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 7804C
Description  PCI 8-Port RS-232, RS-422, RS-485 Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

7804C Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  7804C Datasheet HTML 1Page - Sealevel Systems, Inc. 7804C Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features & Specifications
PCI 8-Port RS-232, RS-422, RS-485 Serial Interface
Part: 7804c | Model: Ultra COMM+8.PCI
Features
• Each port individually configurable for RS-232, RS-422, or RS-485
• Ultra high-speed UART with 256-byte Tx and Rx FIFOs
• Supports asynchronous data rates exceeding 1 Mbps
• Bus-derived 125 MHz BRG and clock prescalar support wide range of
baud rates
• All modem control signals implemented in RS-232 mode
• Automatic RS-485 enable/disable in hardware
• RS-485 line termination, pull-up and pull-down resistors for each port
are selectable via dipswitches
• RS-485 ECHO can be enabled/disabled via dipswitches
• Included 36″ cable terminates to eight DB9M connectors
(Item# CA145)
sealevel.com
+1 864.843.4343
SL9719 C24
Specifications
Host Interface(s)
PCI
Communications Chip
Ultra high-speed UART
Electrical Interface
RS-232, RS-422, RS-485
# of Ports
8
Board Connector
DB78F
Cable Connector(s)
DB9M (8)
Serial Connector(s)
DB9M
Oscillator
125 MHz BRG
RoHS Compliant
Yes
PC Bracket
Standard Height
Max Data Distance
50 feet (RS-232), 4000 feet (RS-485)
Max Data Rate
Exceeds 1 Mbps
Operating Temperature
0°C to 70°C (32°F to 158°F)
Storage Temperature
-50°C to 105°C (-58°F to 221°F)
Humidity Range
10 – 90% Relative Humidity, Non-
Condensing



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com