Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBA673 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LBA673
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBA673 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LBA673 Datasheet HTML 3Page - OSRAM GmbH LBA673 Datasheet HTML 4Page - OSRAM GmbH LBA673 Datasheet HTML 5Page - OSRAM GmbH LBA673 Datasheet HTML 6Page - OSRAM GmbH LBA673 Datasheet HTML 7Page - OSRAM GmbH LBA673 Datasheet HTML 8Page - OSRAM GmbH LBA673 Datasheet HTML 9Page - OSRAM GmbH LBA673 Datasheet HTML 10Page - OSRAM GmbH LBA673 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LB A673, LT A673
2006-10-16
7
Durchlassstrom
2) Seite 16
Forward Current2) page 16
I
F = f (VF); TA = 25 °C
Relative Vorwärtsspannung
2) Seite 16
Relative Forward Voltage
2)
page 16
∆V
F = VF - VF(25 °C) = f (Tj); IF = 10 mA (blue)
Relative Lichtstärke
2) 7) Seite 16
Relative Luminous Intensity2) 7) page 16
I
V/IV(10 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 16
Relative Luminous Intensity
2)
page 16
I
V/IV(25 °C) = f (Tj); IF = 10 mA
OHL00485
F
I
10
-1
2.5
3.0
3.5
4.0
4.5
5.0
0
10
1
10
10
2
5
5
mA
5
2.0
true green
blue
F
V
V
-0.3
-60
T
OHL02352
-40 -20
0
20 40 60
˚C 100
V
-0.2
-0.1
0.0
0.1
0.2
0.4
j
F
∆V
0.3
OHL10494
I
F
1
10
0
10
10
-1
10
1
0
10
2
mA 10
5
5
5
(10 mA)
V
V
I
I
OHL13637
-60
0
T
˚C
V (25 ˚C)
I
I
V
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
true green
blue
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com