Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MY4F Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # MY4F
Description  Miniature Power Relays MY(S)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4F Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button MY4F Datasheet HTML 9Page - Omron Electronics LLC MY4F Datasheet HTML 10Page - Omron Electronics LLC MY4F Datasheet HTML 11Page - Omron Electronics LLC MY4F Datasheet HTML 12Page - Omron Electronics LLC MY4F Datasheet HTML 13Page - Omron Electronics LLC MY4F Datasheet HTML 14Page - Omron Electronics LLC MY4F Datasheet HTML 15Page - Omron Electronics LLC MY4F Datasheet HTML 16Page - Omron Electronics LLC MY4F Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
MY(S)
13
Engineering Data MY
@F
Maximum Switching Capacity
MY2F
Endurance Curve
MY2F
MY2F
MY4F and MY4ZF
MY4F
MY4F
MY4ZF
MY4ZF
DC inductive load
(L/R = 7 ms)
DC resistive load
AC resistive load
AC inductive load
(cos φ = 0.4)
10
0.1
0.5
1
5
5
10
50
100
500
Contact voltage (V)
10
50
100
500
0
1
23
45
6
7
24 VDC resistive load
110 VAC resistive load
220 VAC resistive load
10
50
100
500
0
1
23
45
6
7
Contact current (A)
10
50
100
500
01
2
3
10
50
100
500
01
2
3
24 VDC inductive load
(L/R = 7 ms)
110 VAC inductive load
(cos φ = 0.4)
10
50
100
500
01
2
3
Contact current (A)
220 VAC inductive load
(cos φ = 0.4)
AC inductive load
(cos φ = 0.4)
10
0.1
0.5
1
5
5
10
50
100
500
Contact voltage (V)
DC inductive load
(L/R = 7 ms)
DC resistive load
AC resistive load
30 VDC
resistive load
110 VAC resistive load
220 VAC resistive load
10
50
100
500
01
2
3
Contact current (A)
10
50
100
500
0
0.5
1.5
30 VDC inductive load
(L/R = 7 ms)
110 VAC inductive load (cos φ = 0.4)
220 VAC inductive load
(cos φ = 0.4)
10
50
100
500
0
1.0
1.5
Contact current (A)
24 VDC resistive load
220 VAC resistive load
10
50
100
500
01
2
3
Contact current (A)
24 VDC inductive load (L/R = 7 ms)
10
50
100
500
0
0.5
1.5
110 VAC inductive load (cos φ = 0.4)
220 VAC inductive load (cos φ = 0.4)
10
50
100
500
0
0.5
1.0
1.5
Contact current (A)
Energized
Y
X
Z
X'
Z'
Y'
550
400
600
300
550
600
400
600
600
250
600
700
Unit: m/s2
Not energized
Common Specifications for MY
@F
Malfunctioning Shock
N = 20
Measurement: Shock was applied 3 times each in 6 directions along 3 axes with
the Relay energized and not energized to check the shock values that cause the
Relay to malfunction.
Criteria: Non-energized: 200 m/s2 ,
Energized: 200 m/s2
Shock direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com