Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLCG98 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SPLCG98
Description  Laser Diode in offener Bauform 2.0 W cw (C-Mount)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLCG98 Datasheet(HTML) 5 Page - OSRAM GmbH

  SPLCG98 Datasheet HTML 1Page - OSRAM GmbH SPLCG98 Datasheet HTML 2Page - OSRAM GmbH SPLCG98 Datasheet HTML 3Page - OSRAM GmbH SPLCG98 Datasheet HTML 4Page - OSRAM GmbH SPLCG98 Datasheet HTML 5Page - OSRAM GmbH SPLCG98 Datasheet HTML 6Page - OSRAM GmbH SPLCG98 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPL CG98
2007-04-13
5
Optische Kennwerte
Optical Output Power
P
opt vs.
Forward Current
I
F (TA = 25 °C)
Farfield Distribution Parallel
to Junction
I
rel vs. θ||
Optical Characteristics
Optical Spectrum, Relative Intensity
I
rel vs.
Wavelength
λ (T
A = 25 °C, Popt = 2 W)
Farfield Distribution Perpendicular
to Junction
I
rel vs. θ
⊥
OHL01663
0
0
opt
P
F
I
0.5
1.0
1.5
2.0
2.5
W
1
0.5
0
2.5
2
1.5
A
OHW02438
0
rel
Ι
-10
-5
0
5
10
deg.
%
Θ
0.2
0.4
0.6
0.8
1.0
1.2
OHL01665
0
940
λ
960
980
1000
1020
nm
0.25
0.50
0.75
1.00
%
Irel
OHW00313
0
rel
Ι
20
40
60
80
100
-50
degree
-30
-10
10
50
Θ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com