Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBV193 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LBV193
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBV193 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LBV193 Datasheet HTML 3Page - OSRAM GmbH LBV193 Datasheet HTML 4Page - OSRAM GmbH LBV193 Datasheet HTML 5Page - OSRAM GmbH LBV193 Datasheet HTML 6Page - OSRAM GmbH LBV193 Datasheet HTML 7Page - OSRAM GmbH LBV193 Datasheet HTML 8Page - OSRAM GmbH LBV193 Datasheet HTML 9Page - OSRAM GmbH LBV193 Datasheet HTML 10Page - OSRAM GmbH LBV193 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LB V193
2006-07-03
7
Durchlassstrom
2) Seite 14
Forward Current
2)
page 14
I
F = f (VF); TA = 25 °C
Dominante Wellenlänge
2) Seite 14
Dominant wavelength
2)
page 14
λ
dom = f (IF); TA = 25 °C
Relative Lichtstärke
2) 7) Seite 14
Relative Luminous Intensity
2) 7)
page 14
I
V/IV(5 mA) = f (IF); TA = 25 °C
Relative Lichtstärke
2) Seite 14
Relative Luminous Intensity
2)
page 14
I
V/IV(25 °C) = f (Tj); IF = 5 mA
OHL01232
2.5
mA
10
0
2.7 2.9 3.1 3.3 3.5 3.7 3.9
V 4.3
10
1
2
10
I
F
V
F
I
OHL01535
469.0
dom
λ
0
F
10
20
30
40 mA 50
469.5
470.0
470.5
471.0
472.0
nm
blue
468.5
10
-1
10
1
0
10
mA
F
I
I
V (5 mA)
I
V
10
1
5
10
2
10
0
OHL91233
5
OHL01870
-60
0
T
˚C
V (25 ˚C)
I
I
V
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com