Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QMS2K Datasheet(PDF) 2 Page - Qualwave Inc. All rights reserved.

Part # QMS2K
Description  Coaxial Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QMS2K Datasheet(HTML) 2 Page - Qualwave Inc. All rights reserved.

  QMS2K Datasheet HTML 1Page - Qualwave Inc. All rights reserved. QMS2K Datasheet HTML 2Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Coaxial Switches
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.6
2
Examples:
To order a SPDT switch, DC-40GHz, Failsafe, +12V, D-Sub, TTL,
Indicators, specify QMS2K-40-0E1TI.
Customization is available upon request.
Pin Numbering
Failsafe
Pin
Function
Pin
Function
1
VDC(RF: 0 to 2)
4~5
Indicator (1~2)
2
NC
6
Indicator (COM)
3
COM(RF: 0 to 2)
7~9
NC
Failsafe&TTL
Pin
Function
Pin
Function
1
VDC(RF: 0 to 2)
4~5
Indicator (1~2)
2
A1(RF: 0 to 2)
6
Indicator (COM)
3
COM(RF: 0 to 2)
7~9
NC
Latching
Pin
Function
Pin
Function
1
V1(RF: 0 to 1)
4~5
Indicator (1~2)
2
V2(RF: 0 to 2)
6
Indicator (COM)
3
COM
7~9
NC
Latching&TTL
Pin
Function
Pin
Function
1
VDC
5~6
Indicator (1~2)
2
A1(RF: 0 to 1)
7
Indicator (COM)
3
COM
8~9
NC
4
A2(RF: 0 to 2)
Driving Schematic Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com