Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C01AS8-3 Datasheet(PDF) 13 Page - IC MICROSYSTEMS

Part # X24C01AS8-3
Description  Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01AS8-3 Datasheet(HTML) 13 Page - IC MICROSYSTEMS

Back Button X24C01AS8-3 Datasheet HTML 5Page - IC MICROSYSTEMS X24C01AS8-3 Datasheet HTML 6Page - IC MICROSYSTEMS X24C01AS8-3 Datasheet HTML 7Page - IC MICROSYSTEMS X24C01AS8-3 Datasheet HTML 8Page - IC MICROSYSTEMS X24C01AS8-3 Datasheet HTML 9Page - IC MICROSYSTEMS X24C01AS8-3 Datasheet HTML 10Page - IC MICROSYSTEMS X24C01AS8-3 Datasheet HTML 11Page - IC MICROSYSTEMS X24C01AS8-3 Datasheet HTML 12Page - IC MICROSYSTEMS X24C01AS8-3 Datasheet HTML 13Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
X24C01A
13
ORDERING INFORMATION
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express,
statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no
warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without
notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, licenses are implied.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481; 4,404,475; 4,450,402;
4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967; 4,883, 976. Foreign patents and additional patents
pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection
and correction, redundancy and back-up features to prevent such an occurence.
Xicor's products are not authorized for use in critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose
failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the
user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
Device
VCC Limits
Blank= 5V ± 10%
3.5 = 3.5V to 5.5V
3 = 3.3 ± 10%
Temperature Range
Blank = Commercial = 0°C to +70°C
I = Industrial = –40°C to +85°C
M = Military = –55°C to +125°C
Package
P = 8-Lead Plastic DIP
S8 = 8-Lead SOIC
X24C01A
P
T
G -V
G = RoHS compliant Lead Free package
Blank = Standard package , non lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com