Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP104FAS Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BP104FAS
Description  Silicon Pin Photodiode with Daylight Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BP104FAS Datasheet(HTML) 1 Page - OSRAM GmbH

  BP104FAS Datasheet HTML 1Page - OSRAM GmbH BP104FAS Datasheet HTML 2Page - OSRAM GmbH BP104FAS Datasheet HTML 3Page - OSRAM GmbH BP104FAS Datasheet HTML 4Page - OSRAM GmbH BP104FAS Datasheet HTML 5Page - OSRAM GmbH BP104FAS Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BP 104 FAS
BP 104 FASR
Silizium-Pin-Fotodiode mit Tageslichtsperrfilter
Silicon Pin Photodiode with Daylight Filter
Lead (Pb) Free Product - RoHS Compliant
BP 104 FASR
BP 104 FAS
2007-04-18
1
Wesentliche Merkmale
• Speziell geeignet für Anwendungen im Bereich
von 730 nm… 1100nm
• Kurze Schaltzeit (typ. 20 ns)
•SMT-fähig
Anwendungen
• IR-Fernsteuerung von Fernseh- und
Rundfunkgeräten, Videorecordern,
Lichtdimmern, Gerätefernsteuerungen
• Lichtschranken
Typ
Type
Bestellnummer
Ordering Code
Fotostrom, E
e=1 mW/cm
2, V
R = 5 V, λ = 880 nm
Photocurrent
Ip (
µA)
BP 104 FAS
Q65110A2672
34 (
≥25)
BP 104 FASR
Q65110A4263
34 (
≥25)
Features
• Especially suitable for applications from
730 nm… 1100nm
• Short switching time (typ. 20 ns)
• Suitable for SMT
Applications
• IR remote control of hi-fi and TV sets, video
tape recorders, dimmers, remote controls of
various equipment
• Photointerrupters


Similar Part No. - BP104FAS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BP104F SIEMENS-BP104F Datasheet
38Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
BP104F OSRAM-BP104F Datasheet
129Kb / 6P
Silizium-Pin-Fotodiode mit Tageslichtsperrfilter
logo
Siemens Semiconductor G...
BP104FS SIEMENS-BP104FS Datasheet
38Kb / 5P
Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
logo
OSRAM GmbH
BP104FS OSRAM-BP104FS Datasheet
129Kb / 6P
Silizium-Pin-Fotodiode mit Tageslichtsperrfilter
BP104FS-Z OSRAM-BP104FS-Z Datasheet
185Kb / 7P
Silizium-Pin-Fotodiode mit Tageslichtsperrfilter; in SMT
More results

Similar Description - BP104FAS

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH225FA SIEMENS-SFH225FA Datasheet
68Kb / 4P
Silicon PIN Photodiode with Daylight Filter
logo
OSRAM GmbH
SFH235FA OSRAM-SFH235FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH205FA OSRAM-SFH205FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH205F OSRAM-SFH205F_15 Datasheet
221Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
BPW34F OSRAM-BPW34F Datasheet
210Kb / 8P
Silicon PIN Photodiode with Daylight Blocking Filter
BPW34FA OSRAM-BPW34FA_16 Datasheet
211Kb / 8P
Silicon PIN Photodiode with Daylight Filter
SFH225FA OSRAM-SFH225FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-205-F OSRAM-SFH-205-F Datasheet
221Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-235-FA OSRAM-SFH-235-FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-225-FA OSRAM-SFH-225-FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com