Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C01AS8M Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X24C01AS8M
Description  Serial E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01AS8M Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X24C01AS8M Datasheet HTML 1Page - IC MICROSYSTEMS X24C01AS8M Datasheet HTML 2Page - IC MICROSYSTEMS X24C01AS8M Datasheet HTML 3Page - IC MICROSYSTEMS X24C01AS8M Datasheet HTML 4Page - IC MICROSYSTEMS X24C01AS8M Datasheet HTML 5Page - IC MICROSYSTEMS X24C01AS8M Datasheet HTML 6Page - IC MICROSYSTEMS X24C01AS8M Datasheet HTML 7Page - IC MICROSYSTEMS X24C01AS8M Datasheet HTML 8Page - IC MICROSYSTEMS X24C01AS8M Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This X24C01A device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
1
DESCRIPTION
The X24C01A is a CMOS 1024 bit serial E
2
PROM,
internally organized 128 x 8. The X24C01A features a
serial interface and software protocol allowing operation on a
simple two wire bus. Three address inputs allow up
to eight devices to share a common two wire bus.
Xicor E
2
PROMs are designed and tested for applications
requiring extended endurance. Inherent data retention
is greater than 100 years. Available in an eight pin DIP and
SOIC package.
FEATURES
•2.7V to 5.5V Power Supply
•Low Power CMOS
—Active Current Less Than 1 mA
—Standby Current Less Than 50 µA
•Internally Organized 128 x 8
•Self Timed Write Cycle
—Typical Write Cycle Time of 5 ms
•2 Wire Serial Interface
—Bidirectional Data Transfer Protocol
•Four Byte Page Write Operation
—Minimizes Total Write Time Per Byte
•High Reliability
—Endurance: 100,000 Cycles
—Data Retention: 100 Years
•New Hardwire – Write Control Function
© Xicor, 1991 Patents Pending
Characteristics subject to change without notice
1K
X24C01A
128 x 8 Bit
Serial E
2PROM
FUNCTIONAL DIAGRAM
3841 FHD F01
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE ADDRESS
REGISTER
+COMPARATOR
H.V. GENERATION
TIMING
& CONTROL
WORD
ADDRESS
COUNTER
XDEC
YDEC
D
OUT
ACK
E
2
PROM
32x32
DATA REGISTER
START CYCLE
(8) V
CC
R/W
PIN
(4) V
SS
(5) SDA
(6) SCL
(3) A2
(2) A1
(1) A0
D
OUT
LOAD
INC
CK
8
(7) WC
3841-1
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X24C01AS8M

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C01AS8M XICOR-X24C01AS8M Datasheet
58Kb / 13P
Serial E2PROM
X24C01AS8M-3 XICOR-X24C01AS8M-3 Datasheet
58Kb / 13P
Serial E2PROM
X24C01AS8M-3.5 XICOR-X24C01AS8M-3.5 Datasheet
58Kb / 13P
Serial E2PROM
More results

Similar Description - X24C01AS8M

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24012 XICOR-X24012 Datasheet
59Kb / 14P
Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
Serial E2PROM
X24042 XICOR-X24042 Datasheet
62Kb / 15P
Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
Serial E2PROM
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com