Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2292 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 2292
Description  Adafruit Pi Protector for Raspberry Pi Model B / Pi 2 / Pi 3 B
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

2292 Datasheet(HTML) 2 Page - Adafruit Industries

  2292 Datasheet HTML 1Page - Adafruit Industries 2292 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
the edges of the Pi: HDMI, Audio/Video, microSD slot, micro USB power, and the four USB 
ports. There's also a cut out to allow a 40‐pin IDC cable to the GPIO breakout pins on the Pi.   
Be sure to check out more of our awesome Raspberry Pi accessories including: 
Our absolutely perfect Raspberry Pi B+ Case ‐ we really can't think of a better way to 
protect your Raspberry Pi Model B+.  And we've thought a lot about it. 
Assembled Pi Cobbler Plus ‐ The best way to break out your Pi's pins into a breakout 
board.  We also carry the Assembled T‐Cobbler Plus that makes your breakout pins a bit 
easier to read but is less compact. 
8GB Card with NOOBS 1.39 ‐ This is the fastest way to have a variety of operating 
systems on your pi. 
Bare 4 GB SD card ‐ you'll need this to load the Raspbian/Debian image and is not 
included in a Pi computer purchase. Tested and works perfectly! We also have a wide 
range of pre‐burned SD cards 
5V @ 2A Switching Power Supply w/ 6' MicroUSB Cable ‐ An all‐in‐one 5V 2A + MicroUSB 
cable power adapter that's perfect for powering your pi 
HDMI cable ‐ required to connect a Pi to a monitor and is not included in a Pi computer 
purchase.  We also carry the flat version for a more sleek/stylish look. 
Ethernet cable ‐ required if you want to connect your Pi to the Internet via a router 
USB WiFi Module ‐ This is our recommended WiFi adapter, works out of the box with Pi 
with good range and speed 
Keyboards and Mice ‐ We have a range of wired and wireless options 
A wide range of accessories and essentials 
Various small displays as well as nice Pi‐compatible HDMI monitors in a range of sizes, 
from 2.5" to 10" 
This product comes with the 2 acrylic pieces and assembly hardware. Raspberry
Pi computer is **not** included. No other cables or connectors or accessories
are included.
TECHNICAL DETAILS
Revision History:
As of August 1, 2018 this case is now compatible with the Raspberry Pi 3
model B+.
 
                                                      https://www.adafruit.com/product/2292 8‐9‐18 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com