Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C08P-3 Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # X24C08P-3
Description  Serial E2PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C08P-3 Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  X24C08P-3 Datasheet HTML 1Page - IC MICROSYSTEMS X24C08P-3 Datasheet HTML 2Page - IC MICROSYSTEMS X24C08P-3 Datasheet HTML 3Page - IC MICROSYSTEMS X24C08P-3 Datasheet HTML 4Page - IC MICROSYSTEMS X24C08P-3 Datasheet HTML 5Page - IC MICROSYSTEMS X24C08P-3 Datasheet HTML 6Page - IC MICROSYSTEMS X24C08P-3 Datasheet HTML 7Page - IC MICROSYSTEMS X24C08P-3 Datasheet HTML 8Page - IC MICROSYSTEMS X24C08P-3 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
X24C08
2
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out
of the device. It is an open drain output and may be
wire-ORed with any number of open drain or open
collector outputs.
An open drain output requires the use of a pull-up
resistor. For selecting typical values, refer to the Pull-Up
Resistor selection graph at the end of this data sheet.
Address (A0, A1)
A0 and A1 are unused by the X24C08; however, they must
be tied to VSS to insure proper device operation.
Address (A2)
The A2 input is used to set the appropriate bit of the seven bit
slave address. This input can be used static or
actively driven. If used statically, it must be tied to VSS or
VCC as appropriate. If actively driven, it must be driven
to VSS or to VCC.
PIN CONFIGURATION
SOIC
DIP/SOIC
3842 FHD F03
PIN NAMES
Symbol
Description
A0–A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock
TEST
Hold at VSS
VSS
Ground
VCC
Supply Voltage
NC
No Connect
3842 PGM T01
NC
A
0
A
1
NC
A
2
V
SS
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
V
CC
TEST
NC
SCL
SDA
NC
X24C08
V
CC
TEST
SCL
SDA
A
0
A
1
A
2
V
SS
1
2
3
4
8
7
6
5
X24C08
3842 FHD F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com