Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHR974 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LHR974
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LHR974 Datasheet(HTML) 2 Page - OSRAM GmbH

  LHR974 Datasheet HTML 1Page - OSRAM GmbH LHR974 Datasheet HTML 2Page - OSRAM GmbH LHR974 Datasheet HTML 3Page - OSRAM GmbH LHR974 Datasheet HTML 4Page - OSRAM GmbH LHR974 Datasheet HTML 5Page - OSRAM GmbH LHR974 Datasheet HTML 6Page - OSRAM GmbH LHR974 Datasheet HTML 7Page - OSRAM GmbH LHR974 Datasheet HTML 8Page - OSRAM GmbH LHR974 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2005-06-28
2
LH R974
Anm.: Die Standardlieferform von Serientypen beinhaltet alle Gruppen. Einzelne Helligkeitsgruppen
sind nicht bestellbar.
In einer Verpackungseinheit / Gurt ist immer nur eine Helligkeitsgruppe enthalten.
Note: The standard shipping format for serial types includes all groups. Individual brightness groups
cannot be ordered.
No packing unit / tape ever contains more than one brightness group.
Bestellinformation
Ordering Information
Typ
Type
Emissionsfarbe
Color of Emission
Lichtstärke
1) 2) Seite 12
Luminous Intensity
1) 2)
page 12
I
F = 20 mA
I
V (mcd)
Bestellnummer
Ordering Code
min.
typ.
LH R974
hyper-red
11.2
15
Q62702P5182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com