Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4 Datasheet(PDF) 39 Page - TEKTRONIX, INC.

Part # SC4
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

SC4 Datasheet(HTML) 39 Page - TEKTRONIX, INC.

Back Button SC4 Datasheet HTML 35Page - TEKTRONIX, INC. SC4 Datasheet HTML 36Page - TEKTRONIX, INC. SC4 Datasheet HTML 37Page - TEKTRONIX, INC. SC4 Datasheet HTML 38Page - TEKTRONIX, INC. SC4 Datasheet HTML 39Page - TEKTRONIX, INC. SC4 Datasheet HTML 40Page - TEKTRONIX, INC. SC4 Datasheet HTML 41Page - TEKTRONIX, INC. SC4 Datasheet HTML 42Page - TEKTRONIX, INC. SC4 Datasheet HTML 43Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Step 5
Add optional analysis capabilities
Instrument Option
Advanced Analysis
4-PWR
Advanced Power Measurements and analysis (includes all 4-PWR-BAS measurements, FRA,
and Magnetics)
4-MTM
Mask and Limit testing
4-VID
NTSC, PAL, and SECAM video triggering
4-PWR-BAS 6
Power Measurements and analysis
4-SV-BAS
Spectrum View frequency domain analysis
4-SV-RFVT
Spectrum View RF versus Time analysis and triggering
4-SV-BW-1
Increase Spectrum View capture bandwidth to 500 MHz
4-PS2
Power Solution Bundle (4-PWR-BAS, THDP0200, TCP0030A, 067-1686-xx deskew fixture)
Step 6
Add digital probes
Each FlexChannel input can be configured as eight digital channels simply by connecting a TLP058 logic probe to a FlexChannel
input. You can order TLP058 probes with the instrument or separately.
For this instrument
Order
To add
MSO44
1 to 4 TLP058 Probes
8 to 32 digital channels
MSO46
1 to 6 TLP058 Probes
8 to 48 digital channels
6
This option is not compatible with option 4-PS2
4 Series MSO
www.tek.com 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com