Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSO/DPO/MDO3000 Datasheet(PDF) 5 Page - TEKTRONIX, INC.

Part # MSO/DPO/MDO3000
Description  Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

MSO/DPO/MDO3000 Datasheet(HTML) 5 Page - TEKTRONIX, INC.

  MSO/DPO/MDO3000 Datasheet HTML 1Page - TEKTRONIX, INC. MSO/DPO/MDO3000 Datasheet HTML 2Page - TEKTRONIX, INC. MSO/DPO/MDO3000 Datasheet HTML 3Page - TEKTRONIX, INC. MSO/DPO/MDO3000 Datasheet HTML 4Page - TEKTRONIX, INC. MSO/DPO/MDO3000 Datasheet HTML 5Page - TEKTRONIX, INC. MSO/DPO/MDO3000 Datasheet HTML 6Page - TEKTRONIX, INC. MSO/DPO/MDO3000 Datasheet HTML 7Page - TEKTRONIX, INC. MSO/DPO/MDO3000 Datasheet HTML 8Page - TEKTRONIX, INC. MSO/DPO/MDO3000 Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Easy analysis of WLAN 802.11ac transmitter with a WLAN preset that provides spectral
emission mask, constellation diagram, and decoded burst information.
Bluetooth transmitter testing
With option SV27, you can perform Bluetooth SIG standard-based
transmitter RF measurements in the time, frequency, and modulation
domains. Option SV27 supports Basic Rate and Low Energy Transmitter
measurements defined by Bluetooth SIG Test Specification RF.TS.4.2 for
Basic Rate and RF-PHY.TS.4.2 for Bluetooth Low Energy. Option SV27
also automatically detects Enhanced Data Rate packets, demodulates
them and provides symbol information.
Pass/Fail results are provided with customizable limits and the Bluetooth
presets make the different test set-ups push-button.
Below is a summary of the measurements that are automated with option
SV27 (unless noted):
Bluetooth Low Energy Transmitter Measurements
Output power at NOC TRM-LE/CA/01/C and at EOC TRM-LE/CA/
02/C
In-band emission at NOC TRM-LE/CA/03/C and at EOC TRM-LE/
CA/04/C
Modulation characteristics TRM-LE/CA/05/C
Carrier frequency offset and drift at NOC TRM-LE/CA/06/C and at
EOC TRM-LE/CA/07/C
Basic Rate Transmitter Measurements
Output power TRM/CA/01/C
Power Density TRM/CA/02/C (no preset)
Power Control TRM/CA/03/C (no preset)
Tx output Spectrum – Frequency Range TRM/CA/04/C (no preset)
Tx output spectrum - 20dB Bandwidth TRM/CA/05/C
Tx output spectrum - Adjacent Channel Power TRM/CA/06/C
Modulation characteristics TRM/CA/07/C
Initial carrier frequency tolerance TRM/CA/08/C
Carrier frequency-drift TRM/CA/09/C
The following additional information is also available with SV27: symbol
table with color coded field information, constellation, eye diagram,
frequency deviation vs time with highlighted packet and octet, frequency
offset and drift detailed table as well as packet header field decoding.
Markers can be used to cross-correlate the time, vector and frequency
information.
Datasheet
www.tek.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com