Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD16 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # CD16
Description  Type CD16 & CDV16 Snubber and RF Application, Mica Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CD16 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  CD16 Datasheet HTML 1Page - Cornell Dubilier Electronics CD16 Datasheet HTML 2Page - Cornell Dubilier Electronics CD16 Datasheet HTML 3Page - Cornell Dubilier Electronics CD16 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com
Type CD16 & CDV16 Snubber and RF Application, Mica Capacitors
Ratings
Cap.
(pF)
Catalog
Part Number
L
H
T
Ipk
Max Continuous Current @ 85°C, Amps
in (mm)
in (mm)
in (mm) Amps 100kHz 250 kHz 500 kHz 1MHz 2.5MHz 5MHz
500 Vdc (300 Vac)
100
CD16FD101JO3
.43 (10.9)
.46 (11.7)
0.15 (3.8)
20
0.019
0.047
0.09
0.19
0.47
0.78
120
CD16FD121JO3
.43 (10.9)
.46 (11.7)
0.15 (3.8)
24
0.023
0.057
0.11
0.23
0.57
0.86
150
CD16FD151JO3
.43 (10.9)
.46 (11.7)
0.15 (3.8)
30
0.028
0.071
0.14
0.28
0.71
0.96
180
CD16FD181JO3
.43 (10.9)
.46 (11.7)
0.15 (3.8)
36
0.034
0.085
0.17
0.34
0.85
1.1
220
CD16FD221JO3
.43 (10.9)
.46 (11.7)
0.15 (3.8)
44
0.041
0.10
0.21
0.41
1.0
1.2
270
CD16FD271JO3
.45 (11.4)
.47 (11.9)
0.16 (4.1)
54
0.051
0.13
0.25
0.51
1.3
1.3
330
CD16FD331JO3
.45 (11.4)
.47 (11.9)
0.16 (4.1)
66
0.062
0.16
0.31
0.62
1.5
1.5
390
CD16FD391JO3
.45 (11.4)
.47 (11.9)
0.16 (4.1)
78
0.074
0.18
0.37
0.74
1.6
1.6
470
CD16FD471JO3
.45 (11.4)
.47 (11.9)
0.16 (4.1)
94
0.089
0.22
0.44
0.89
1.8
1.8
560
CD16FD561JO3
.46 (11.7)
.50 (12.7)
0.18 (4.6)
110
0.11
0.26
0.53
1.1
2.0
2.0
680
CD16FD681JO3
.46 (11.7)
.50 (12.7)
0.18 (4.6)
160
0.15
0.39
0.77
1.5
2.5
2.5
820
CD16FD821JO3
.46 (11.7)
.50 (12.7)
0.18 (4.6)
160
0.15
0.39
0.77
1.5
2.5
2.5
1000
CD16FD102JO3
.46 (11.7)
.50 (12.7)
0.18 (4.6)
200
0.19
0.47
0.94
1.9
2.7
2.7
1200
CD16FD122JO3
.46 (11.7)
.50 (12.7)
0.18 (4.6)
240
0.23
0.57
1.1
2.3
3.0
3.0
1500
CD16FD152JO3
.46 (11.7)
.50 (12.7)
0.18 (4.6)
300
0.28
0.71
1.4
2.7
3.3
3.3
1800
*
CD16FD182JO3
.47 (11.9)
.52 (13.2)
0.25 (6.4)
360
0.34
0.85
1.7
3.4
4.1
4.1
2200
CD16FD222JO3
.47 (11.9)
.52 (13.2)
0.25 (6.4)
440
0.41
1.0
2.1
4.1
4.5
4.5
2700
CD16FD272JO3
.47 (11.9)
.52 (13.2)
0.25 (6.4)
540
0.51
1.3
2.5
5.0
5.0
5.0
3000
CD16FD302JO3
.47 (11.9)
.52 (13.2)
0.25 (6.4)
600
0.57
1.4
2.8
5.2
5.2
5.2
3300
CD16FD332JO3
.48 (12.2)
.53 (13.7)
0.28 (7.1)
600
0.57
1.4
2.8
5.7
6.8
6.8
3600
CD16FD362JO3
.48 (12.2)
.53 (13.7)
0.28 (7.1)
720
0.68
1.7
3.4
6.8
7.1
7.1
3900
CD16FD392JO3
.48 (12.2)
.54 (13.7)
0.28 (7.1)
780
0.74
1.8
3.7
7.4
7.4
7.4
4300
CD16FD432JO3
.48 (12.2)
.54 (13.7)
0.28 (7.1)
860
0.81
2.0
4.0
7.0
7.8
7.8
4700
CD16FD472JO3
.49 (12.5)
.56 (14.2)
0.31 (7.9)
940
0.89
2.2
4.4
8.5
8.5
8.5
5600
CD16FD562JO3
.49 (12.5)
.56 (14.2)
0.33 (8.4)
1100
1.1
2.6
5.3
9.0
9.0
9.0
6800
CD16FD682JO3
.50 (12.7)
.57 (14.7)
0.38 (9.7)
1300
1.3
3.2
6.4
9.0
9.0
9.0
7500
CD16FD752JO3
.50 (12.7)
.58 (14.7)
.40 (10.2)
1500
1.4
3.5
7.1
9.0
9.0
9.0
1,000 Vdc (350 Vac)
100
CDV16FF101JO3
.43 (10.9)
.46 (11.7)
.15 (3.8)
23
0.022
0.055
0.11
0.22
0.55
0.92
120
CDV16FF121JO3
.43 (10.9)
.46 (11.7)
.15 (3.8)
27
0.026
0.066
0.13
0.26
0.66
1
130
CDV16FF131JO3
.43 (10.9)
.46 (11.7)
.15 (3.8)
29
0.029
0.071
0.14
0.29
0.71
1.1
150
CDV16FF151JO3
.43 (10.9)
.46 (11.7)
.15 (3.8)
34
0.033
0.082
0.16
0.33
0.82
1.1
180
CDV16FF181JO3
.43 (10.9)
.46 (11.7)
.15 (3.8)
41
0.04
0.10
0.2
0.4
1.0
1.2
200
CDV16FF201JO3
.43 (10.9)
.46 (11.7)
.15 (3.8)
45
0.044
0.11
0.22
0.44
1.1
1.3
220
CDV16FF221JO3
.43 (10.9)
.46 (11.7)
.15 (3.8)
50
0.048
0.12
0.24
0.48
1.2
1.4
240
CDV16FF241JO3
.43 (10.9)
.46 (11.7)
.15 (3.8)
54
0.053
0.13
0.26
0.53
1.3
1.4
270
CDV16FF271JO3
.45 (11.4)
.47 (11.9)
.16 (4.1)
61
0.059
0.15
0.3
0.59
1.5
1.6
300
CDV16FF301JO3
.45 (11.4)
.47 (11.9)
.16 (4.1)
68
0.066
0.16
0.33
0.7
1.6
1.7
330
CDV16FF331JO3
.45 (11.4)
.47 (11.9)
.16 (4.1)
74
0.073
0.18
0.36
0.73
1.8
1.8
360
CDV16FF361JO3
.45 (11.4)
.47 (11.9)
.16 (4.1)
81
0.079
0.2
0.4
0.79
1.8
1.8
390
CDV16FF391JO3
.45 (11.4)
.47 (11.9)
.16 (4.1)
88
0.086
0.21
0.43
0.86
1.9
1.9
420
CDV16FF421JO3
.45 (11.4)
.47 (11.9)
.16 (4.1)
95
0.092
0.23
0.46
0.92
2
2.0
430
CDV16FF431JO3
.45 (11.4)
.47 (11.9)
.16 (4.1)
97
0.095
0.24
0.47
0.95
2.0
2.0
470
CDV16FF471JO3
.45 (11.4)
.47 (11.9)
.16 (4.1)
106
0.1
0.26
0.52
1
2.1
2.1
500
CDV16FF501JO3
.45 (11.4)
.47 (11.9)
.16 (4.1)
113
0.11
0.27
0.55
1.1
2.2
2.2
510
CDV16FF511JO3
.45 (11.4)
.47 (11.9)
.16 (4.1)
115
0.11
0.28
0.56
1.1
2.2
2.2
560
CDV16FF561JO3
.46 (11.7)
.50 (12.7)
.17 (4.4)
126
0.12
0.31
0.62
1.2
2.4
2.4
620
CDV16FF621JO3
.46 (11.7)
.50 (12.7)
.17 (4.4)
140
0.14
0.34
0.68
1.4
2.5
2.5
680
CDV16FF681JO3
.46 (11.7)
.50 (12.7)
.17 (4.4)
153
0.15
0.37
0.75
1.5
2.7
2.7
750
CDV16FF751JO3
.46 (11.7)
.50 (12.7)
.17 (4.4)
169
0.16
0.41
0.82
1.6
2.8
2.8
820
CDV16FF821JO3
.46 (11.7)
.50 (12.7)
.17 (4.4)
185
0.18
0.45
0.9
1.8
2.9
2.9
910
CDV16FF911JO3
.46 (11.7)
.50 (12.7)
.17 (4.4)
205
0.2
0.5
1
2
3.1
3.1
1000
CDV16FF102JO3
.46 (11.7)
.50 (12.7)
.17 (4.4)
225
0.22
0.55
1.1
2.2
3.2
3.2
1200
CDV16FF122JO3
.46 (11.7)
.50 (12.7)
.17 (4.4)
270
0.26
0.66
1.3
2.6
3.5
3.5
1300
CDV16FF132JO3
.46 (11.7)
.50 (12.7)
.17 (4.4)
293
0.29
0.71
1.4
2.9
3.7
3.7
1500
CDV16FF152JO3
.46 (11.7)
.50 (12.7)
.18 (4.6)
338
0.33
0.82
1.6
3.3
3.9
3.9
1800
*
CDV16FF182JO3
.47 (11.9)
.52 (13.2)
.25 (6.4)
495
0.4
0.99
2
4
4.8
4.8
2000
CDV16FF202JO3
.47 (11.9)
.52 (13.2)
.25 (6.4)
605
0.48
1.2
2.4
4.8
5.3
5.3
2200
CDV16FF222JO3
.47 (11.9)
.52 (13.2)
.25 (6.4)
605
0.48
1.2
2.4
4.8
5.3
5.3
2400
CDV16FF242JO3
.47 (11.9)
.52 (13.2)
.25 (6.4)
660
0.53
1.3
2.6
5.3
5.5
5.5
2700
CDV16FF272JO3
.47 (11.9)
.52 (13.2)
.25 (6.4)
743
0.59
1.5
3
5.8
5.8
5.8
3000
CDV16FF302JO3
.47 (11.9)
.52 (13.2)
.25 (6.4)
825
0.66
1.6
3.3
6.2
6.2
6.2
* Best RF performances is = to or < this cap rating.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com