Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-K2N Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # AP-K2N
Description  VH CONNECTOR 3.96mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

AP-K2N Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  AP-K2N Datasheet HTML 1Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 2Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 3Page - JST Mfg. Co., Ltd. AP-K2N Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10.6
4.2
3
Model No.
Applicable wire
Q'ty / reel
mm2
AWG#
Insulation O.D.
(mm)
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
20~16
0.5~1.25
SVH-41T-P1.1
22~18
0.33~0.83
SVH-21T-P1.1
7.1
Circuits
Model No.
Q'ty / bag
2
3
5
7
8
9
VHS-2V
VHS-3V
VHS-5V
VHS-7V
VHS-8V
VHS-9V
A
3.70
7.52
15.44
23.36
27.32
31.28
1,000
1,000
1,000
1,000
1,000
1,000
Material
Glass-filled PA 66, UL94V-0, natural (ivory)
Circuits
Model No.
Dimensions (mm)
Q'ty /
bag
A
B
Material
PA 6, UL94V-0, natural (white)
N type
M type
2
3
4
5
6
7
8
9
10
11
VHR-2N
VHR-3N
VHR-4N
VHR-5N
VHR-6N
VHR-7N
VHR-8N
VHR-9N
VHR-10N
VHR-11N
Retainer
mountable type
VHR-2M
VHR-3M
VHR-4M
VHR-5M
VHR-6M
VHR-7M
-
VHR-9M
-
-
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
39.60
7.86
11.82
15.78
19.74
23.70
27.66
31.62
35.58
39.54
43.50
1,000
1,000
1,000
1,000
500
500
500
500
500
500
B
A
Circuit No. 1
B
A
Circuit No. 1
B
A
Circuit No. 1
M type
N type
Retainer mountable type
VH CONNECTOR
RoHS compliance
Note: 1. Contact JST for brass products.
2. When using retainer mountable type housing, applicable wire's
insulation O. D. shall be 1.7 to 2.2mm.
Contact
Crimp applicator
Dies
Applicator
Crimping
machine
SVH-21T-P1.1
SVH-21T-P1.1
SVH-21T-P1.1
SVH-21T-P1.1
AP-K2N
MKS-L
* M K S - S C
MK/SVH-21-11
SC/SVH-21-11
APLMK SVH21-11
APLSC SVH21-11
Contact
Crimp applicator
Dies
Applicator
Crimping
machine
SVH-41T-P1.1
SVH-41T-P1.1
SVH-41T-P1.1
SVH-41T-P1.1
AP-K2N
MKS-L
-
MK/SVH-41-11
-
APLMK SVH41-11
-
Note: *Strip-crimp applicator
Note: 1. Models identified as VHR-(
) M incorporate measures to prevent
electric shock and are thus safer in regard to high voltages.
2. The applicable housing for 2 circuits shrouded header is "VHR-2N"
only. "VHRR-2N" is not applicable.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
VHR-2N-oo-
(blank)…natural (white)
BK…black R…red BL…blue M…green D…orange Y…yellow
PK…pink H…gray
RoHS compliance
RoHS compliance
Contact
Housing
Retainer
1.7~3.0
4,500
1.7~3.0
3,500
4
VHRR-2N
VHRR-3N
-
VHRR-5N
-
VHRR-7N
VHRR-8N
VHRR-9N
-
-
2
T S S C 0 2 1.0 1(V H )
Crimp applicator
with dies
Crimp applicator
with dies



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com