Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC223 Datasheet(PDF) 2 Page - SYC Electronica

Part # MAC223
Description  MAC223 series Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MAC223 Datasheet(HTML) 2 Page - SYC Electronica

  MAC223 Datasheet HTML 1Page - SYC Electronica MAC223 Datasheet HTML 2Page - SYC Electronica MAC223 Datasheet HTML 3Page - SYC Electronica MAC223 Datasheet HTML 4Page - SYC Electronica MAC223 Datasheet HTML 5Page - SYC Electronica MAC223 Datasheet HTML 6Page - SYC Electronica MAC223 Datasheet HTML 7Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
July 2001
2
Rev 1.000
Philips Semiconductors
Product specification
Triacs
MAC223 series
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Passivated triacs in a plastic envelope,
SYMBOL
PARAMETER
MAX MAX. UNIT
intended for use in applications requiring
high bidirectional transient and blocking
MAC223
A6
A8
voltage capability and high thermal
cycling
performance.
Typical
V
DRM
Repetitive peak off-state
400
600
V
applications
include
motor
control,
voltages
industrial and domestic lighting, heating
I
T(RMS)
RMS on-state current
25
25
A
and static switching.
I
TSM
Non-repetitive peak on-state
230
230
A
current
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
main terminal 1
2
main terminal 2
3
gate
tab
main terminal 2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
MAC223
A6
A8
V
DRM
Repetitive peak off-state
-
400
1
600
1
V
voltages
I
T(RMS)
RMS on-state current
full sine wave; T
mb ≤ 91 ˚C
-
25
A
I
TSM
Non-repetitive peak
full sine wave; T
j = 25 ˚C prior to
on-state current
surge
t = 20 ms
-
190
A
t = 16.7 ms
-
230
A
I
2tI2t for fusing
t = 10 ms
-
180
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 30 A; IG = 0.2 A;
on-state current after
dI
G/dt = 0.2 A/µs
triggering
T2+ G+
-
50
A/
µs
T2+ G-
-
50
A/
µs
T2- G-
-
50
A/
µs
T2- G+
-
10
A/
µs
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.5
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
T1
T2
G
12 3
tab
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 15 A/
µs.
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com