Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2P-VH Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # S2P-VH
Description  VH CONNECTOR 3.96mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

S2P-VH Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  S2P-VH Datasheet HTML 1Page - JST Mfg. Co., Ltd. S2P-VH Datasheet HTML 2Page - JST Mfg. Co., Ltd. S2P-VH Datasheet HTML 3Page - JST Mfg. Co., Ltd. S2P-VH Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VH CONNECTOR
Top entry type
Side entry type
Top entry type of PBT
Side entry type with PCB stabilizer
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
1,000
1,000
500
500
250
250
200
200
200
1,000
500
500
250
250
250
200
200
100
7.86
11.82
15.78
19.74
23.70
27.66
31.62
35.58
39.54
2
3
4
5
6
7
8
9
10
B2PS-VH
B3PS-VH
B4PS-VH
B5PS-VH
B6PS-VH
B7PS-VH
B8PS-VH
B9PS-VH
B10PS-VH
B2P-VH
B3P-VH
B4P-VH
B5P-VH
B6P-VH
B7P-VH
B8P-VH
B9P-VH
B10P-VH
Circuits
Model No.
Dimensions (mm)
Q'ty / box
A
B
Top entry
type
Side entry
type
Top entry
type
Side entry
type
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: PA 66 UL94V-0, natural (white)
Material and Finish
A
B
14.6
7.7
3.2
(9.4)
Circuit No.1
H J ST
1
8
H JST
1
8
A
B
14.9
7.7
3.2
(9.4)
1.14
3.96
Circuit No.1
B
(14.6)
7.7
3.2
(9.4)
A
(1.95)
(1.95)
B
(9.4)
4.5
7.7
13.4
A
Circuit No.1
3.96
7.92
11.88
15.84
19.80
23.76
27.72
31.68
35.64
39.60
1,000
1,000
500
500
250
250
200
200
200
200
1,000
500
500
250
250
250
-
-
-
-
7.86
11.82
15.78
19.74
23.70
27.66
31.62
35.58
39.54
43.50
2
3
4
5
6
7
8
9
10
11
S2P-VH
S3P-VH
S4P-VH
S5P-VH
S6P-VH
S7P-VH
-
-
-
-
B2P-VH-B
B3P-VH-B
B4P-VH-B
B5P-VH-B
B6P-VH-B
B7P-VH-B
B8P-VH-B
B9P-VH-B
B10P-VH-B
B11P-VH-B
Circuits
Model No.
Dimensions (mm)
Q'ty / box
A
B
Top entry
type of
PBT
Top
entry
type
Side
entry
type
Side entry
type with
PCB stabilizer
Post: Brass, copper-undercoated, tin-plated (reflow treatment)
Wafer: Top entry type of PBT: Glass-filled PBT, UL94V-0, natural (white)
Side entry type with PCB stabilizer: PA 66, UL94V-0, natural (white)
Material and Finish
RoHS compliance This product displays (LF)(SN) on a label.
Note: Headers with a reduced number of posts are also available.
Contact JST for details.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2P(S)-VH-oo-
(blank)…natural (white)
BK…black R…red TR…tomato red BL…blue M…green
O…orange Y…yellow PK…pink H…gray
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
<Top entry type of PBT>
ex.
B2P-VH-B-oo-
(blank)…natural (white)
C…black R…red E…blue M…green Y…yellow
<Side entry type with PCB stabilizer>
ex.
S2P-VH-oo-
(blank)…natural (white)
BK…black R…red BL…blue Y…yellow M…green
Locking header
T S S C 0 2 1.0 1(V H )
3
Circuit No.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com