Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F429NET7XXX Datasheet(PDF) 71 Page - STMicroelectronics

Part # STM32F429NET7XXX
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NET7XXX Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STM32F429NET7XXX Datasheet HTML 67Page - STMicroelectronics STM32F429NET7XXX Datasheet HTML 68Page - STMicroelectronics STM32F429NET7XXX Datasheet HTML 69Page - STMicroelectronics STM32F429NET7XXX Datasheet HTML 70Page - STMicroelectronics STM32F429NET7XXX Datasheet HTML 71Page - STMicroelectronics STM32F429NET7XXX Datasheet HTML 72Page - STMicroelectronics STM32F429NET7XXX Datasheet HTML 73Page - STMicroelectronics STM32F429NET7XXX Datasheet HTML 74Page - STMicroelectronics STM32F429NET7XXX Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 231 page
background image
DocID024030 Rev 6
71/231
STM32F427xx STM32F429xx
Pinouts and pin description
83
PE11
D8
D8
DA8
D8
D8
PE12
D9
D9
DA9
D9
D9
PE13
D10
D10
DA10
D10
D10
PE14
D11
D11
DA11
D11
D11
PE15
D12
D12
DA12
D12
D12
PD8
D13
D13
DA13
D13
D13
PD9
D14
D14
DA14
D14
D14
PD10
D15
D15
DA15
D15
D15
PH8
D16
D16
PH9
D17
D17
PH10
D18
D18
PH11
D19
D19
PH12
D20
D20
PH13
D21
D21
PH14
D22
D22
PH15
D23
D23
PI0
D24
D24
PI1
D25
D25
PI2
D26
D26
PI3
D27
D27
PI6
D28
D28
PI7
D29
D29
PI9
D30
D30
PI10
D31
D31
PD7
NE1
NE1
NCE2
PG9
NE2
NE2
NCE3
PG10
NCE4_1
NE3
NE3
PG11
NCE4_2
PG12
NE4
NE4
PD3
CLK
CLK
PD4
NOE
NOE
NOE
NOE
PD5
NWE
NWE
NWE
NWE
PD6
NWAIT
NWAIT
NWAIT
NWAIT
PB7
NL(NADV)
NL(NADV)
Table 11. FMC pin definition (continued)
Pin name
CF
NOR/PSRAM/
SRAM
NOR/PSRAM
Mux
NAND16
SDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com