Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMF-25-R-1R Datasheet(PDF) 1 Page - YAGEO Corporation

Part # MMF-25-R-1R
Description  MELF METAL FILM RESISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

MMF-25-R-1R Datasheet(HTML) 1 Page - YAGEO Corporation

  MMF-25-R-1R Datasheet HTML 1Page - YAGEO Corporation MMF-25-R-1R Datasheet HTML 2Page - YAGEO Corporation MMF-25-R-1R Datasheet HTML 3Page - YAGEO Corporation MMF-25-R-1R Datasheet HTML 4Page - YAGEO Corporation MMF-25-R-1R Datasheet HTML 5Page - YAGEO Corporation MMF-25-R-1R Datasheet HTML 6Page - YAGEO Corporation MMF-25-R-1R Datasheet HTML 7Page - YAGEO Corporation MMF-25-R-1R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
無法顯示連結的影像。檔案可能已移動、重新命名或刪除。請檢查連結是否指向正確的檔案及位置。
DATA SHEET
MELF METAL FILM RESISTORS
General Purpse
MMF Series
±0.1%, ±0.25%, ±0.5%, ±1%, ±2%, ±5%
1/6W to 1W
RoHS compliant & Halogen Free


Similar Part No. - MMF-25-R-1R

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
MMF-IS10-NLW_976NM COHERENT-MMF-IS10-NLW_976NM Datasheet
286Kb / 2P
976nm, 200μm, Conduction-Cooled, Narrow Linewidth, Fiber- Coup led, M ulti- Bar Module
MMF-IS10-NLW_981NM COHERENT-MMF-IS10-NLW_981NM Datasheet
215Kb / 2P
981nm, 400μm, Conduction-Cooled, Narrow Linewidth, Fiber- Coup led, M ulti- Bar Module
MMF-IS10-QBH_200UM_976NM COHERENT-MMF-IS10-QBH_200UM_976NM Datasheet
102Kb / 2P
976nm, 200μm, Conduction-Cooled, Fiber-Coupled M ulti- Bar M odul e
MMF-IS10_2-LAMBDA COHERENT-MMF-IS10_2-LAMBDA Datasheet
239Kb / 2P
Conduction-Cooled/Water-Cooled, Fiber-Coupled, Multi-Bar Module
MMF-IS10_200UM_793NM COHERENT-MMF-IS10_200UM_793NM Datasheet
230Kb / 2P
793nm, 200μm, Conduction-Cooled, Fiber-Coupled Multi- Bar M odul e
More results

Similar Description - MMF-25-R-1R

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN412AT KOA-RN412AT Datasheet
99Kb / 2P
fixed metal film melf resistors
logo
RCD COMPONENTS INC.
MGP50S-R100-F RCD-MGP50S-R100-F Datasheet
40Kb / 1P
METAL FILM MELF RESISTORS
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
RJM Metal Film Precision Melf Resistors
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
Thin Film MELF Resistors
28-Jun-11
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
Metal Film Precision MELF Resistors
logo
KOA Speer Electronics, ...
RN412BTTE1002J50 KOA-RN412BTTE1002J50 Datasheet
256Kb / 2P
fixed metal film melf resistors
logo
NIC-Components Corp.
NFR NIC-NFR Datasheet
96Kb / 6P
Metal Film MELF Resistors
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
fixed metal film melf resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
Metal Film Ultra Precision Melf Resistors
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
Thin Film MELF Resistors
12-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com