Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5186ADDVR Datasheet(PDF) 7 Page - Texas Instruments

Part # TAS5186ADDVR
Description  6-Channel, 210-W, Digital-Amplifier Power Stage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS5186ADDVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS5186ADDVR Datasheet HTML 3Page - Texas Instruments TAS5186ADDVR Datasheet HTML 4Page - Texas Instruments TAS5186ADDVR Datasheet HTML 5Page - Texas Instruments TAS5186ADDVR Datasheet HTML 6Page - Texas Instruments TAS5186ADDVR Datasheet HTML 7Page - Texas Instruments TAS5186ADDVR Datasheet HTML 8Page - Texas Instruments TAS5186ADDVR Datasheet HTML 9Page - Texas Instruments TAS5186ADDVR Datasheet HTML 10Page - Texas Instruments TAS5186ADDVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TAS5186A
SLES156 – OCTOBER 2005
F
PWM = 384 kHz, GVDD = 12 V, VDD = 12 V, TC (case temperature) = 75°C, unless otherwise noted. All performance is in
accordance with recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REGULATOR AND CURRENT CONSUMPTION
VREG
Voltage regulator, only used as reference node
VDD = 12 V
3
3.3
3.6
V
Operating, 50% duty cycle
7
20
IVDD
VDD supply current
mA
Idle, reset mode
6
16
50% duty cycle
5
22
IGVDD_X
Gate supply current per half-bridge
mA
Idle, reset mode
1
3
50% duty cycle, without output filter or load, 5.1
110
mode. 22-
µH Kwang-Sung inductors
IPVDD_X
Half-bridge idle current
mA
50% duty cycle, without output filter or load, 2.1
60
mode. 22-
µH Kwang-Sung inductors
OUTPUT STAGE MOSFETs
RDSon, LS Sat
Drain-to-source resistance, low side, satellite
TJ = 25°C, includes metallization resistance
210
m
Ω
RDSon, HS Sat
Drain-to-source resistance, high side, satellite
TJ = 25°C, includes metallization resistance
210
m
Ω
RDson, LS Sub
Drain-to-source resistance, low side, subwoofer
TJ = 25°C, includes metallization resistance
110
m
Ω
RDson, HS Sub
Drain-to-source resistance, high side, subwoofer
TJ = 25°C, includes metallization resistance
110
m
Ω
I/O PROTECTION
VUVP, G
Undervoltage protection limit GVDD_X
10
V
VUVP, hyst(1)
Undervoltage protection hysteresis
250
mV
OTW(1)
Overtemperature warning
125
°C
Temperature drop needed below OTW temp. for
OTWhyst(1)
25
°C
OTW to be inactive after the OTW event
OTE(1)
Overtemperature error
155
°C
Temperature drop needed below OTE temp. for SD
OTEHYST(1)
25
°C
to be released after the OTE event
OLCP
Overload protection counter
1.25
ms
Overcurrent limit protection, satellite
Rocp = 18 k
Ω
4.5
A
IOC
Overcurrent limit protection, subwoofer
Rocp = 18 k
Ω
8
A
IOCT
Overcurrent response time
210
ns
Rocp
OC programming resistor range
Resistor tolerance = 5%
18
k
Ω
STATIC DIGITAL SPECIFICATION
VIH
High-level input voltage
2
PWM_X, M1, M2, M3, RESET
V
VIL
Low-level input voltage
0.8
ILEAK
Input leakage current
Static condition
–80
80
µA
OTW/SHUTDOWN (SD)
Internal pullup resistor to DREG (3.3 V) for SD and
RINT_PU
26
k
Ω
OTW
Internal pullup resistor only
3
3.3
3.6
VOH
High-level output voltage
External pullup: 4.7-k
Ω resistor to 5 V
4.5
5
V
VOL
Low-level output voltage
IO = 4 mA
0.2
0.4
FANOUT
Device fanout OTW, SD
No external pullup
30
Devices
(1)
Specified by design.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com