Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C08PI Datasheet(PDF) 11 Page - IC MICROSYSTEMS

Part # X24C08PI
Description  Serial E2PROM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C08PI Datasheet(HTML) 11 Page - IC MICROSYSTEMS

Back Button X24C08PI Datasheet HTML 7Page - IC MICROSYSTEMS X24C08PI Datasheet HTML 8Page - IC MICROSYSTEMS X24C08PI Datasheet HTML 9Page - IC MICROSYSTEMS X24C08PI Datasheet HTML 10Page - IC MICROSYSTEMS X24C08PI Datasheet HTML 11Page - IC MICROSYSTEMS X24C08PI Datasheet HTML 12Page - IC MICROSYSTEMS X24C08PI Datasheet HTML 13Page - IC MICROSYSTEMS X24C08PI Datasheet HTML 14Page - IC MICROSYSTEMS X24C08PI Datasheet HTML 15Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
X24C08
11
WRITE CYCLE LIMITS
Symbol
Parameter
Min.
Typ.
(5)
Max.
Units
t
WR
(6)
Write Cycle Time
5
10
ms
3842 PGM T08
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
erase/program cycle. During the write cycle, the X24C08
bus interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.
3842 FHD F05
Write Cycle Timing
Notes:(5) Typical values are for T A = 25°C and nominal supply voltage (5V).
(6) tWR is the minimum cycle time from the system perspective when polling techniques are not used. It is the maximum time the device
requires to perform the internal write operation.
SYMBOL TABLE
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
OUTPUTS
INPUTS
WAVEFORM
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
3842 FHD F17
120
100
80
40
60
20
20 40
60
80100120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAX.
RESISTANCE
R
MAX
=
C
BUS
t
R
MAX
R
MIN
=
I
OL MIN
V
CC MAX
=1.8KΟ
SCL
SDA
8th BIT
WORD n
ACK
t
WR
STOP
CONDITION
START
CONDITION
X24C08
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com